Selected language     English  ▼


F-175 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-175
Description  High Frequency Data Line Filter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
1. Tested at 100KHz and 100 mV
RMS
P/N F-175
High Frequency
Data Line Filter
50 mil 8-Pin SMD
PARAMETER
UNITS
Inductance(1)
36.0 Min.
µH
Leakage Inductance (1)
0.20 Max.
µH
Interwinding Capacitance (1)
20 Max.
pF
Primary DC Resistance
0.45 Max.
Isolation (HI-POT)
500 Min.
V
RMS
SRF (Ref.)
12
MHz
Insulation Resistance
10k Min.
M
Power Rating
250
mW
Turns ratio
1:1:1:1
+ 3%
10
20
40
60
80 100
1000
2000
3000
4000
Frequency ( MHz )
Z
(
Ω )
200
300
0
Typical
Minimum
Impedance Curve
300
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.275
(6.99)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
.010
(0.25)
TYP.
Physical Dimensions in inches (mm)
03/12/02
Schematic Diagram




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-119High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-120High Frequency Data Line Filter 4 Lines - Two Coils 1 Rhombus Industries Inc.
F-121High Frequency Data Line Filter 1 COIL- 8 LINES 1 Rhombus Industries Inc.
STTH16003High frequency secondary rectifier 1 2 3 4 5 MoreSTMicroelectronics
FN07090HIGH FREQUENCY CRYSTAL FILTER 1 EUROQUARTZ limited
NUF6107MN4 Channel Data Line EMI Filter with 2 Channel USB Filter and ESD Protection 1 2 3 ON Semiconductor
LTC1064-2_09Low Noise High Frequency 8th Order Butterworth Lowpass Filter 1 2 3 4 5 MoreLinear Technology
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
LTC1064-3_09Low Noise High Frequency 8th Order Linear Phase Lowpass Filter 1 2 3 4 5 MoreLinear Technology
CM1233PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection 1 2 3 4 5 MoreCalifornia Micro Devices Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl