Selected language     English  â–¼


F-1450 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part No. F-1450
Description  Common Mode Choke
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 2 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
1
2
4
6
8 10
20
40
60
100
0
200
1.0K
Frequency ( MHz )
Z
( k
Ω )
400
600
800
1.2K
1.4K
1.6K
1.8K
2.0K
2.2K
2.4K
2.6K
2.8K
3.0K
1
2
4
6
8 10
20
4060100
0
5
25
Frequency ( MHz )
10
15
20
30
35
F-1450
F-1451
Typical
Impedance
Curves
Typical
Attenuation
Curves




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CBM6068Common Mode Choke Coils 1 Sumida Corporation
CPFC75DC COMMON MODE CHOKE COIL 1 Sumida Corporation
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
EPA3393Common Mode Choke 1 PCA ELECTRONICS INC.
CLP82_06DC COMMON MODE CHOKE COIL 1 2 Sumida Corporation
F-139Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
CLP42-151DC COMMON MODE CHOKE COIL Type:CLP Series> 1 Sumida Corporation
F-1421ISDN S Interface Common Mode Choke 1 Rhombus Industries Inc.
F-172Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
7116Through Hole Common Mode Choke 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl