Electronic Components Datasheet Search
Selected language     English  ▼


F-1450 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1450
Description  Common Mode Choke
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
HF Choke
OCL
L
L sec
C
W/W
DCR
Z
OC min.
Z
OC min.
Z
OC min.
Z
OC min.
Part
min.
max.
max.
max.
( k
Ω )( kΩ )( kΩ )( kΩ )
Number
(
µH )
(
µH )
( pF )
(
Ω )
10 MHz
30 MHz
70MHz
100MHZ
F-1450
24.0
0.20
15
0.30
0.9
1.60
1.15
0.80
F-1451
8.0
0.20
10
0.25
0.55
1.10
1.00
0.52
02/27/97
P/N F-1450 & F-1451
Common Mode Choke
For EMI Reduction
Filter Common Mode Noise
Electrical Specifications at 25OC
High Frequency Chokes
4 Line 8-Pin
Schematic
Hi-Pot: 1500 V
RMS
Physical Dimensions
inches (mm)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CBM6068Common Mode Choke Coils 1 Sumida Corporation
CPFC75DC COMMON MODE CHOKE COIL 1 Sumida Corporation
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
EPA3393Common Mode Choke 1 PCA ELECTRONICS INC.
CLP82_06DC COMMON MODE CHOKE COIL 1 2 Sumida Corporation
F-139Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
CLP42-151DC COMMON MODE CHOKE COIL Type:CLP Series> 1 Sumida Corporation
F-1421ISDN S Interface Common Mode Choke 1 Rhombus Industries Inc.
F-172Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
7116Through Hole Common Mode Choke 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl