Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2010SN-N Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ2010SN-N
Description  Gas Gauge IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2010SN-N Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2010SN-N Datasheet HTML 7Page - Texas Instruments BQ2010SN-N Datasheet HTML 8Page - Texas Instruments BQ2010SN-N Datasheet HTML 9Page - Texas Instruments BQ2010SN-N Datasheet HTML 10Page - Texas Instruments BQ2010SN-N Datasheet HTML 11Page - Texas Instruments BQ2010SN-N Datasheet HTML 12Page - Texas Instruments BQ2010SN-N Datasheet HTML 13Page - Texas Instruments BQ2010SN-N Datasheet HTML 14Page - Texas Instruments BQ2010SN-N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
The W/R values are:
Where W/R is:
0
The bq2010 outputs the requested register
contents specified by the address portion of
CMDR.
1
The following eight bits should be written
to the register specified by the address por-
tion of CMDR.
The lower seven-bit field of CMDR contains the address
portion of the register to be accessed. Attempts to write
to invalid addresses are ignored.
Primary Status Flags Register (FLGS1)
The read-only FLGS1 register (address=01h) contains
the primary bq2010 flags.
The charge status flag (CHGS) is asserted when a
valid charge rate is detected.
Charge rate is deemed
valid when VSRO >VSRQ.A VSRO of less than VSRQ or
discharge activity clears CHGS.
The CHGS values are:
Where CHGS is:
0
Either discharge activity detected or VSRO <
VSRQ
1VSRO > VSRQ
The battery replaced flag (BRP) is asserted whenever
the potential on the SB pin (relative to VSS), VSB, falls
from above the maximum cell voltage, MCV (2.25V), or
rises above 0.1V.
The BRP flag is also set when the
bq2010 is reset (see the RST register description). BRP
is reset when either a valid charge action increments
NAC to be equal to LMD, or a valid charge action is de-
tected after the EDV1 flag is asserted. BRP = 1 signifies
that the device has been reset.
The BRP values are:
Where BRP is:
0
Battery is charged until NAC = LMD or dis-
charged until the EDV1 flag is asserted
1VSB dropping from above MCV, VSB rising
from below 0.1V, or a serial port initiated
reset has occurred
The battery removed flag (BRM) is asserted whenever
the potential on the SB pin (relative to VSS) rises above
MCV or falls below 0.1V. The BRM flag is asserted until
the condition causing BRM is removed.
The BRM values are:
Where BRM is:
0
0.1V < VSB < 2.25V
1
0.1 V > VSB or VSB > 2.25V
The capacity inaccurate flag (CI) is used to warn the
user that the battery has been charged a substantial
number of times since LMD has been updated. The CI
flag is asserted on the 64th charge after the last LMD
update or when the bq2010 is reset. The flag is cleared
after an LMD update.
The CI values are:
Where CI is:
0
When LMD is updated with a valid full dis-
charge
1
After the 64th valid charge action with no
LMD updates or the bq2010 is reset
11
FLGS1 Bits
76
5
4
3
2
1
0
-
-
BRM
-
-
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
CHGS
-
--
-
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
-
BRP
-
-
-
-
-
-
CMDR Bits
76
5
4
3
2
1
0
-
AD6 AD5
AD4
AD3
AD2
AD1
AD0
(LSB)
CMDR Bits
76
5
4
3
2
1
0
W/R
-
--
-
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
--
-
CI
-
-
-
-
bq2010


Similar Part No. - BQ2010SN-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010SN-D107 TI1-BQ2010SN-D107 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107G4 TI1-BQ2010SN-D107G4 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107TR TI1-BQ2010SN-D107TR Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
BQ2010SN-D107TRG4 TI1-BQ2010SN-D107TRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
More results

Similar Description - BQ2010SN-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com