Selected language     English  â–¼


F-1506G Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1506G
Description  Data Line Filter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
01/16/96
1 OF 1
Schematic Diagram
8 Pin Gull Wing Package
Dimensions in inches (mm)
1
5
10
50
100
500
Frequency ( MHz )
Z
(
Ω )
100
50
10
500
1000
Typical Impedance Plot
Peak Pulse Voltage
50 volts
Maximum Current
100 mA
Isolation (Hi-Pot)
1500 V
RMS
Data Line Filter
F-1506G




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-1506High Frequency Data Line Filter 1 Rhombus Industries Inc.
NUF6107MN4 Channel Data Line EMI Filter with 2 Channel USB Filter and ESD Protection 1 2 3 ON Semiconductor
F-119High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-120High Frequency Data Line Filter 4 Lines - Two Coils 1 Rhombus Industries Inc.
F-121High Frequency Data Line Filter 1 COIL- 8 LINES 1 Rhombus Industries Inc.
F-175High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-1505High Frequency Data Line Filter 1 Rhombus Industries Inc.
PJ4L40QUAD SCHOTTKY DATA LINE BUS TERMINATOR 1 2 3 Pan Jit International Inc.
NUF3101FCThree Line EMI Filter 1 2 3 4 ON Semiconductor
EMIF01-1003M31 line IPAD EMI filter and ESD protection in Micro QFN package 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl