Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4088EDE-2-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4088EDE-2-PBF
Description  High Effi ciency Battery Charger/USB Power Manager with Regulated Output Voltage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4088EDE-2-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4088EDE-2-PBF Datasheet HTML 7Page - Linear Technology LTC4088EDE-2-PBF Datasheet HTML 8Page - Linear Technology LTC4088EDE-2-PBF Datasheet HTML 9Page - Linear Technology LTC4088EDE-2-PBF Datasheet HTML 10Page - Linear Technology LTC4088EDE-2-PBF Datasheet HTML 11Page - Linear Technology LTC4088EDE-2-PBF Datasheet HTML 12Page - Linear Technology LTC4088EDE-2-PBF Datasheet HTML 13Page - Linear Technology LTC4088EDE-2-PBF Datasheet HTML 14Page - Linear Technology LTC4088EDE-2-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4088-1/LTC4088-2
11
40881fb
capacitor are connected from CLPROG to GND, the voltage
on CLPROG represents the average input current of the
switching regulator. As the input current approaches the
programmed limit, CLPROG reaches 1.188V and power
delivered by the switching regulator is held constant.
Several ratios of current are available which can be set
to correspond to USB low and high power modes with a
single programming resistor.
The input current limit is programmed by various com-
binations of the D0, D1 and D2 pins as shown in Table 1.
The switching input regulator can also be deactivated
(USB Suspend).
The average input current will be limited by the CLPROG pro-
gramming resistor according to the following expression:
II
V
R
h
VBUS
BUSQ
CLPROG
CLPROG
CLPROG
=+
+
()
•1
where IBUSQ is the quiescent current of the LTC4088-
1/LTC4088-2, VCLPROG is the CLPROG servo voltage in
current limit, RCLPROG is the value of the programming
resistor and hCLPROG is the ratio of the measured current
at VBUS to the sample current delivered to CLPROG. Refer
to the Electrical Characteristics table for values of hCLPROG,
VCLPROG and IBUSQ. Given worst-case circuit tolerances,
the USB specification for the average input current in 1x
or 5x mode will not be violated, provided that RCLPROG is
2.94k or greater.
Table 1 shows the available settings for the D0, D1 and
D2 pins.
Table 1. Controlled Input Current Limit
D0
D1
4088-1
D2
4088-2
D2
CHARGER
STATUS
IBUS(LIM)
0
0
0
1
Off
100mA (1x)
0
0
1
0
On
100mA (1x)
0
1
0
1
Off
500mA (5x)
0
1
1
0
On
500mA (5x)
1
0
0
1
Off
1A (10x)
1
0
1
0
On
1A (10x)
1
1
0
1
Off
2.5mA (Susp High)
1
1
1
0
Off
500µA (Susp Low)
Notice that when D0 is high and D1 is low, the switching
regulator is set to a higher current limit for increased
charging and power availability at VOUT. These modes will
typically be used when there is line power available from
a wall adapter.
While not in current limit, the switching regulator’s Bat-
Track feature will set VOUT to approximately 300mV above
the voltage at BAT. However, if the voltage at BAT is below
3.3V, and the load requirement does not cause the switching
regulator to exceed its current limit, VOUT will regulate at a
fixed 3.6V as shown in Figure 2. This will allow a portable
product to run immediately when power is applied without
waiting for the battery to charge.
If the load does exceed the current limit at VBUS, VOUT
will range between the no-load voltage and slightly below
the battery voltage, indicated by the shaded region of
Figure 2.
OPERATIO
BAT (V)
2.4
4.5
4.2
3.9
3.6
3.3
3.0
2.7
2.4
3.3
3.9
408812 F02
2.7
3.0
3.6
4.2
NO LOAD
300mV
Figure 2. VOUT vs BAT
For very low-battery voltages, the battery charger acts like
a load and, due to limited input power, its current will tend
to pull VOUT below the 3.6V “Instant On” voltage. To prevent
VOUT from falling below this level, an undervoltage circuit
automatically detects that VOUT is falling and reduces the
battery charge current as needed. This reduction ensures
that load current and voltage are always prioritized and yet
delivers as much battery charge current as possible. (See
Over Programming the Battery Charger in the Applications
Information section).
The voltage regulation loop compensation is controlled by
the capacitance on VOUT. An MLCC capacitor of 10µF is
required for loop stability. Additional capacitance beyond
this value will improve transient response.


Similar Part No. - LTC4088EDE-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4088EDE LINER-LTC4088EDE Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
More results

Similar Description - LTC4088EDE-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
LTC4088-1 LINER-LTC4088-1_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4088-2 LINER-LTC4088-2_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4009 LINER-LTC4009 Datasheet
305Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com