Selected language     English  â–¼


F-1516 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1516
Description  High Frequency Data Line Filter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
P/N F-1506 Typical Impedance Plot
1
2
4
6
8 10
20
40
60
80 100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency ( MHz )
Z
( k
Ω )
200
Schematic Diagram
Low Profile 50 mil 16 Pin
Transfer Molded Package
Gullwing SMD
TAPE AND REEL
AVAILABLE
Filter Common &
Differential Mode Noise
Frequency Range 1 - 200 MHz
EMI / RFI Suppression
500 V
RMS Isolation
High Frequency
Data Line Filter
P/N F-1516
50 mil Surface Mount Package




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-1506High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-119High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-120High Frequency Data Line Filter 4 Lines - Two Coils 1 Rhombus Industries Inc.
F-121High Frequency Data Line Filter 1 COIL- 8 LINES 1 Rhombus Industries Inc.
F-175High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-1505High Frequency Data Line Filter 1 Rhombus Industries Inc.
STTH16003High frequency secondary rectifier 1 2 3 4 5 MoreSTMicroelectronics
F-1506GData Line Filter 1 Rhombus Industries Inc.
NUF6107MN4 Channel Data Line EMI Filter with 2 Channel USB Filter and ESD Protection 1 2 3 ON Semiconductor
FN07090HIGH FREQUENCY CRYSTAL FILTER 1 EUROQUARTZ limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl