Electronic Components Datasheet Search
Selected language     English  ā–¼


F-1702 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1702
Description  Multi Purpose Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
1 OF 1
1/31/03
F-1702
Multi Purpose
Common Mode Choke
(2 Coils, 4 Data lines)
Pri. Ind.
DCR
Hi-Pot
Common Mode Attenuation (dB)
Part
OCL, Min. Max.
Min.
Number
(
ĀµH )
(
ā„¦ )
V
RMS
100k
1M
10M
30M
50M
100M
300M
500M
F-1702
140
0.60
500
14
33
44
48
48
43
33
28
Operating Temperature Range: 0 oC to +70 oC
Electrical Specifications at 25o C
Schematic
Diagram
27
1
8
45
3
6
Physical
Dimensions
inches (mm)
.500
(12.70)
MAX.
MAX.
.300
(7.62)
TYP.
.120
(3.05)
MIN.
TYP.
.100
(2.54)
TYP.
.020 DIA.
24 AWG
(0.51)
.300
(7.62)
MAX.
.400
(10.16)
.250
(6.35)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-1701Multi Purpose Common Mode Choke 1 Rhombus Industries Inc.
CBM6068Common Mode Choke Coils 1 Sumida Corporation
CPFC75DC COMMON MODE CHOKE COIL 1 Sumida Corporation
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
EPA3393Common Mode Choke 1 PCA ELECTRONICS INC.
CLP82_06DC COMMON MODE CHOKE COIL 1 2 Sumida Corporation
F-139Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
CLP42-151DC COMMON MODE CHOKE COIL Type:CLP Series> 1 Sumida Corporation
F-1421ISDN S Interface Common Mode Choke 1 Rhombus Industries Inc.
F-172Surface Mount Common Mode Choke 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl