Selected language     English  ▼


F-1801 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1801
Description  TOKEN RING FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Schematic Diagram
10
20
40
60
80 100
1000
2000
3000
4000
Frequency ( MHz )
Z
(
Ω )
200
300
0
Typical
Minimum
1/15/96
Turns Ratio ( + 5% )
1:1
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
100
µH
Oscillation Voltage = .020V
Oscillation Frequency = 100.0 KHz
Leakage Inductance
0.5
µH
Oscillation Level = .020V
Oscillation Frequency = 1 MHz
Interwinding Capacitance (C
W/W)35
pF
Oscillation Frequency = 1 MHz
DCR
0.4
ohms
Parallel Impedance
Oscillation Voltage = .016V
1000
ohms
Oscillation Frequency = 10 MHz
Leakage Current (HI-POT)
500
VRMS
TOKEN
RING
FILTER
P/N F-1801
Physical Dimensions
16-Pin Package with Unused Pins Omitted
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
0556-5338-00_00TOKEN RING MAGNETICS 1 2 3 4 5 MoreBel Fuse Inc.
FP38Filter & Ring Core Chokes 1 2 3 4 5 Power-One
NUF3101FCThree Line EMI Filter 1 2 3 4 ON Semiconductor
ADA4417-3Integrated Triple Video Filter for High Definition Video 1 2 3 4 5 MoreAnalog Devices
2913COMBINED SINGLE-CHIP PCM CODEC AND FILTER 1 2 3 4 5 MoreIntel Corporation
STF202USB Filter with ESD Protection 1 2 3 4 5 MoreON Semiconductor
FL75L07Delphi Series Filter Module 0~75Vdc input 7A Current Rating Coming SoonDelta Electronics, Inc.
K3958MIF Filter for Video Applications 1 2 3 4 5 MoreEPCOS
ISL59118Dual Video Driver with Low Pass Filter 1 2 3 4 5 MoreIntersil Corporation
B3606Low-Loss Filter 1 2 3 4 5 MoreEPCOS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl