Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2013HSN Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2013HSN
Description  Gas Gauge IC for Power- Assist Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2013HSN Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2013HSN Datasheet HTML 2Page - Texas Instruments BQ2013HSN Datasheet HTML 3Page - Texas Instruments BQ2013HSN Datasheet HTML 4Page - Texas Instruments BQ2013HSN Datasheet HTML 5Page - Texas Instruments BQ2013HSN Datasheet HTML 6Page - Texas Instruments BQ2013HSN Datasheet HTML 7Page - Texas Instruments BQ2013HSN Datasheet HTML 8Page - Texas Instruments BQ2013HSN Datasheet HTML 9Page - Texas Instruments BQ2013HSN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Example: Selecting a PFC Value
Given:
Sense resistor = 0.0075
Number of cells = 14
Capacity = 5000mAh, NiCd cells
Current range = 1A to 30A
Relative display mode with 4 second timer
Self-discharge = 1% per day
Trickle charge compensation = 0.85
Typical offset = -75
µV
Voltage drop across sense resistor = 5mV to 150mV
Therefore:
5000mAh * 0.0075Ω = 37.5mVh
Select:
PFC = 448000 counts or 35mVh
PROG1, PROG2 =Z, L
PROG3 =Z
PROG4 =H
PROG5 =L
PROG6 =Z
6
bq2013H
Programmed
Full Count (PFC)
mVh
Scale
PROG1
PROG2
27136
84.8
1
320
HH
24064
75.2
1
320
HZ
41472
64.8
1
640
HL
35072
54.8
1
640
ZH
28672
44.8
1
640
ZZ
44800
35
1
1280
ZL
30720
24
1
1280
LH
38400
15
1
2560
LZ
12800
5
1
2560
LL
Table 2. bq2013H Programmed Full Count mVh Selections
PROG3
Self-Discharge
H
1.6% per day
Z
0.8% per day
L
0.2% per day
Table 3. Programmed Self-Discharge


Similar Part No. - BQ2013HSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2013HSN-A514 TI-BQ2013HSN-A514 Datasheet
295Kb / 29P
[Old version datasheet]   Gas Gauge IC for Power- Assist Applications
BQ2013HSN-A514G4 TI-BQ2013HSN-A514G4 Datasheet
295Kb / 29P
[Old version datasheet]   Gas Gauge IC for Power- Assist Applications
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
[Old version datasheet]   Gas Gauge IC for Power- Assist Applications
BQ2013HSN-A514TRG4 TI-BQ2013HSN-A514TRG4 Datasheet
295Kb / 29P
[Old version datasheet]   Gas Gauge IC for Power- Assist Applications
More results

Similar Description - BQ2013HSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
[Old version datasheet]   Gas Gauge IC for Power- Assist Applications
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
   Gas gauge IC with battery charger control for handheld applications
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
   Battery monitor IC with alarm output for gas gauge applications
logo
Texas Instruments
BQ2011K TI1-BQ2011K_11 Datasheet
234Kb / 22P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2016 TI-BQ2016 Datasheet
291Kb / 21P
[Old version datasheet]   GAS GAUGE IC FOR HIGH DISCHARGE RATES
BQ2011 TI-BQ2011_05 Datasheet
204Kb / 21P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com