Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4217 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4217
Description  2A Integrated Hot Swap Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4217 Datasheet HTML 5Page - Linear Technology LTC4217 Datasheet HTML 6Page - Linear Technology LTC4217 Datasheet HTML 7Page - Linear Technology LTC4217 Datasheet HTML 8Page - Linear Technology LTC4217 Datasheet HTML 9Page - Linear Technology LTC4217 Datasheet HTML 10Page - Linear Technology LTC4217 Datasheet HTML 11Page - Linear Technology LTC4217 Datasheet HTML 12Page - Linear Technology LTC4217 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC4217
9
4217fc
OPERATION
The Functional Diagram displays the main circuits of the
device. The LTC4217 is designed to turn a board’s supply
voltage on and off in a controlled manner allowing the board
to be safely inserted and removed from a live backplane.
The LTC4217 includes a 25m
Ω MOSFET and a 7.5mΩ cur-
rent sense resistor. During normal operation, the charge
pump and gate driver turn on the pass MOSFET’s gate to
provide power to the load. The inrush current control is
accomplished by the INRUSH circuit. This circuit limits
the GATE ramp rate to 0.3V/ms and hence controls the
voltage ramp rate of the output capacitor.
The current sense (CS) amplifier monitors the load current
using the voltage sensed across the current sense resistor.
The CS amplifier limits the current in the load by reduc-
ing the GATE-to-OUT voltage in an active control loop. It
is simple to adjust the current limit threshold using the
current setting (ISET) pin. This allows a different threshold
during other times such as start-up.
A short circuit on the output to ground causes significant
power dissipation during active current limiting. To limit
this power, the foldback amplifier reduces the current
limit value from 2A to 0.5A in a linear manner as the
FB pin drops below 0.6V (see the Typical Performance
Characteristics section).
If an overcurrent condition persists, the TIMER pin ramps
up with a 100μA current source until the pin voltage ex-
ceeds 1.2V (comparator TM2). This indicates to the logic
that it is time to turn off the pass MOSFET to prevent
overheating. At this point the TIMER pin ramps down us-
ing the 2μA current source until the voltage drops below
0.2V (Comparator TM1) which tells the logic to start an
internal 100ms timer. At this point, the pass transistor
has cooled and it is safe to turn it on again. It is suitable
for many applications to use an internal 2ms overcurrent
timer with a 100ms cooldown period. Tying the TIMER
pin to INTVCC sets this default timing.
The fixed 12V version, LTC4217-12, uses two separate
internal dividers from VDD to drive the UV and OV pins.
This version also features a divider from OUT to drive the
FB pin. The LTC4217-12 is available in the DFN package
while the LTC4217 (adjustable version) is in the DFN and
TSSOP packages.
The output voltage is monitored using the FB pin and the
PG comparator to determine if the power is available for
the load. The power good condition is signaled by the PG
pin using an open-drain pull-down transistor.
The Functional Diagram also shows the monitoring blocks
of the LTC4217. The two comparators on the left side
include the UV and OV comparators. These comparators
determine if the external conditions are valid prior to turning
on the MOSFET. But first the undervoltage lockout circuits
UVLO1 and UVLO2 must validate the input supply and
the internally generated 3.1V supply (INTVCC) and gener-
ate the power up initialization to the logic circuits. If the
external conditions remain valid for 100ms the MOSFET
is allowed to turn on.
Other features include MOSFET current and temperature
monitoring. The current monitor (CM) outputs a current
proportional to the sense resistor current. This current can
drive an external resistor or other circuits for monitoring
purposes. A voltage proportional to the MOSFET tempera-
ture is output to the ISET pin. The MOSFET temperature
allows external circuits to predict failure and shutdown
the system.
APPLICATIONS INFORMATION
The typical LTC4217 application is in a high availability
system that uses a positive voltage supply to distribute
power to individual cards. A complete application circuit
is shown in Figure 1. External component selection is
discussed in detail in the following sections.
Turn-On Sequence
Several conditions must be present before the internal pass
MOSFET can be turned on. First the supply VDDmustexceed
its undervoltage lockout level. Next the internally generated
supplyINTVCCmustcrossits2.65Vundervoltagethreshold.
This generates a 25μs power-on-reset pulse which clears
the fault register and initializes internal latches.


Similar Part No. - LTC4217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
logo
Analog Devices
LTC4217 AD-LTC4217 Datasheet
803Kb / 18P
   50A Hot Swap E-Fuse with Guaranteed SOA
Rev. 0
logo
Linear Technology
LTC4217HFE LINER-LTC4217HFE Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
More results

Similar Description - LTC4217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com