Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4217 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4217
Description  2A Integrated Hot Swap Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4217 Datasheet(HTML) 2 Page - Linear Technology

  LTC4217 Datasheet HTML 1Page - Linear Technology LTC4217 Datasheet HTML 2Page - Linear Technology LTC4217 Datasheet HTML 3Page - Linear Technology LTC4217 Datasheet HTML 4Page - Linear Technology LTC4217 Datasheet HTML 5Page - Linear Technology LTC4217 Datasheet HTML 6Page - Linear Technology LTC4217 Datasheet HTML 7Page - Linear Technology LTC4217 Datasheet HTML 8Page - Linear Technology LTC4217 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC4217
2
4217fc
LTC4217
LTC4217-12
LTC4217
16
15
14
13
12
11
10
9
17
SENSE
1
2
3
4
5
6
7
8
VDD
ISET
IMON
FB
FLT
PG
GATE
OUT
VDD
UV
OV
TIMER
INTVCC
GND
OUT
OUT
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 17) IS SENSE,
θJA = 43°C/W SOLDERED, OTHERWISE θJA = 140°C/W
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
SENSE
VDD
UV
OV
TIMER
INTVCC
GND
OUT
OUT
SENSE
SENSE
VDD
ISET
IMON
FB
FLT
PG
GATE
OUT
SENSE
21
SENSE
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 21) IS SENSE,
θJA = 38°C/W SOLDERED, OTHERWISE θJA = 130°C/W
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ................................. –0.3V to 28V
Input Voltages
FB, OV, UV.............................................. –0.3V to 12V
TIMER................................................... –0.3V to 3.5V
SENSE .............................VDD – 10V or – 0.3V to VDD
Output Voltages
ISET, IMON ................................................. –0.3V to 3V
PG, FLT .................................................. –0.3V to 35V
OUT ............................................ –0.3V to VDD + 0.3V
INTVCC .................................................. –0.3V to 3.5V
GATE (Note 3)........................................ –0.3V to 33V
(Notes 1, 2)
Operating Temperature Range
LTC4217C ................................................ 0°C to 70°C
LTC4217I.............................................. –40°C to 85°C
Junction Temperature (Notes 4, 5)........................ 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package Only ............................................... 300°C


Similar Part No. - LTC4217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
logo
Analog Devices
LTC4217 AD-LTC4217 Datasheet
803Kb / 18P
   50A Hot Swap E-Fuse with Guaranteed SOA
Rev. 0
logo
Linear Technology
LTC4217HFE LINER-LTC4217HFE Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
More results

Similar Description - LTC4217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
   5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
   5A Integrated Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com