Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4241CGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4241CGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241CGN Datasheet(HTML) 2 Page - Linear Technology

  LTC4241CGN Datasheet HTML 1Page - Linear Technology LTC4241CGN Datasheet HTML 2Page - Linear Technology LTC4241CGN Datasheet HTML 3Page - Linear Technology LTC4241CGN Datasheet HTML 4Page - Linear Technology LTC4241CGN Datasheet HTML 5Page - Linear Technology LTC4241CGN Datasheet HTML 6Page - Linear Technology LTC4241CGN Datasheet HTML 7Page - Linear Technology LTC4241CGN Datasheet HTML 8Page - Linear Technology LTC4241CGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4241
2
sn4241 4241f
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 135°C/W
LTC4241CGN
LTC4241IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V12VIN = 12V, VVEEIN = –12V, V3VIN = 3.3V, V5VIN = 5V,
VAUXIN = 3.3V. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IDD
V12VIN Supply Current
ON = V12VIN
q
2.5
8
mA
VAUXIN Supply Current
AUXON = VAUXIN
q
0.5
1.5
mA
VLKO
Undervoltage Lockout,
12VIN
q
6.5
9
10.8
V
Low-to-High Transition
3VIN
q
2.25
2.50
2.75
V
5VIN
q
3.65
3.90
4.15
V
AUXIN
q
2.35
2.60
2.85
V
VLKH
Undervoltage Lockout Hysteresis
3VIN, 5VIN
20
mV
AUXIN
120
mV
VSENSE5(TH)
Current Limit Sense Voltage
V5VOUT = 0V
q
5.5
9
14.5
mV
Threshold (V5VIN – V5VSENSE)V5VOUT > 4V
q
40
55
70
mV
VSENSE3(TH)
Current Limit Sense Voltage
V3VOUT = 0V
q
5.5
9
14.5
mV
Threshold (V3VIN – V3VSENSE)V3VOUT > 2V
q
40
55
70
mV
tCB
Circuit Breaker Trip Filter Time
(V5VIN – V5VSENSE) = Step 0 to 100mV
17
µs
(VAUXIN – VAUXSENSE) = Step 0 to 100mV
8
µs
IGATE
GATE Pin Output Current
ON High, FAULT High, VGATE = GND
q
–20
–60
–100
µA
ON Low, FAULT High, VGATE = 5V
200
µA
ON High, FAULT Low, VGATE = 5V
5
25
35
mA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
GN PACKAGE
20-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
12VOUT
VEEOUT
5VOUT
5VIN
5VSENSE
GATE
3VSENSE
3VIN
AUXON
AUXIN
12VIN
VEEIN
3VOUT
TIMER
ON
FAULT
PWRGD
GND
AUXGATE
AUXSENSE
Supply Voltages
12VIN ................................................................... 14V
VEEIN .................................................................. –14V
AUXIN ................................................................... 7V
Input Voltage
ON ......................................................... –0.3V to 14V
AUXON .................................................. –0.3V to 14V
Output Voltages
(FAULT, PWRGD) .................................. –0.3V to 14V
Analog Voltages
TIMER, 3VIN, 3VSENSE, GATE,
5VSENSE, 5VIN ............................. –0.3V to (12VIN + 0.3V)
3VOUT, 5VOUT ........................................ –0.3V to 14V
AUXSENSE .......................... –0.3V to (AUXIN + 0.3V)
VEEOUT ................................................ –14V to + 0.3V
12VOUT .................................................. –0.3V to 14V
AUXGATE ......................... Internally Limited (Note 3)
Operating Temperature Range
LTC4241CGN ........................................... 0
°C to 70°C
LTC4241IGN ........................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering,10sec).................... 300
°C
DC ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC4241CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
More results

Similar Description - LTC4241CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com