Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4222CUH-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4222CUH-TRPBF
Description  Dual Hot Swap Controller with I2C Compatible Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4222CUH-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4222CUH-TRPBF Datasheet HTML 1Page - Linear Technology LTC4222CUH-TRPBF Datasheet HTML 2Page - Linear Technology LTC4222CUH-TRPBF Datasheet HTML 3Page - Linear Technology LTC4222CUH-TRPBF Datasheet HTML 4Page - Linear Technology LTC4222CUH-TRPBF Datasheet HTML 5Page - Linear Technology LTC4222CUH-TRPBF Datasheet HTML 6Page - Linear Technology LTC4222CUH-TRPBF Datasheet HTML 7Page - Linear Technology LTC4222CUH-TRPBF Datasheet HTML 8Page - Linear Technology LTC4222CUH-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4222
5
4222f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C Interface
VADR(H)
ADR0, ADR1, ADR2 Input High Voltage
l
INTVCC
– 0.8
INTVCC
– 0.4
INTVCC
– 0.2
V
IADR(IN,Z)
ADR0, ADR1, ADR2 Hi-Z Input Current
ADR0, ADR1, ADR2 = 0.8V,
INTVCC – 0.8V
l
50
–5
μA
VADR(L)
ADR0, ADR1, ADR2 Input Low Voltage
l
0.2
0.4
0.8
V
IADR(IN)
ADR0, ADR1, ADR2 Input Current
ADR0, ADR1, ADR2 = 0V, INTVCC
l
–80
80
μA
VALERT(OL)
ALERT Output Low Voltage
IALERT = 3mA
l
0.2
0.4
V
IALERT(OH)
ALERT Input Current
ALERT = INTVCC
l
±1
μA
VSDA,SCL(TH)
SDA, SCL Input Threshold
l
1.5
1.7
1.9
V
ISDA,SCL(OH)
SDA, SCL Input Current
SCL, SDA = INTVCC
l
±1
μA
VSDA(OL)
SDA Output Low Voltage
ISDA = 3mA
l
0.2
0.4
V
I2C Interface Timing
fSCL(MAX)
SCL Clock Frequency
Operates with fSCL ≤ fSCL(MAX)
400
1000
kHz
tBUF(MIN)
Bus Free Time Between Stop/Start Condition
0.12
1.3
μs
tHD,STA(MIN)
Hold Time After (Repeated) Start Condition
100
600
ns
tSU,STA(MIN)
Repeated Start Condition Set-Up Time
30
600
ns
tSU,STO(MIN)
Stop Condition Set-Up Time
140
600
ns
tHD,DAT(MIN)
Data Hold Time (Input)
30
100
ns
tHD,DATO
Data Hold Time (Output)
300
600
900
ns
tSU,DAT(MIN)
Data Set-Up Time
30
600
ns
tSP
Suppressed Spike Pulse Width
50
110
250
ns
tRST
Stuck-Bus Reset Time
SCL or SDA Held Low
25
32
40
ms
CX
SCL, SDA Input Capacitance
SDAI Tied to SDAO (Note 5)
10
pF
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 5V above
SOURCE. Driving this pin to voltages beyond the clamp may damage the
device.
Note 4: Integral Nonlinearity is defined as the deviation of a code from a
precise analog input voltage. Maximum specifications are limited by the
LSB step size and the single shot measurement. Typical specifications are
measured from 1/4, 1/2, 3/4 areas of the quantization band.
Note 5: Guaranteed by design and not subject to test.


Similar Part No. - LTC4222CUH-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4222CUH LINER-LTC4222CUH Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
More results

Similar Description - LTC4222CUH-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4222 LINER-LTC4222_15 Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com