Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4251IS6 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4251IS6
Description  Negative Voltage Hot Swap Controllers in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4251IS6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4251IS6 Datasheet HTML 5Page - Linear Technology LTC4251IS6 Datasheet HTML 6Page - Linear Technology LTC4251IS6 Datasheet HTML 7Page - Linear Technology LTC4251IS6 Datasheet HTML 8Page - Linear Technology LTC4251IS6 Datasheet HTML 9Page - Linear Technology LTC4251IS6 Datasheet HTML 10Page - Linear Technology LTC4251IS6 Datasheet HTML 11Page - Linear Technology LTC4251IS6 Datasheet HTML 12Page - Linear Technology LTC4251IS6 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4251/LTC4251-1/
LTC4251-2
9
425112fa
OPERATIO
Figure 1. Basic LTC4251 Hot Swap Topology
Figure 2. –48V, 2.5A Hot Swap Controller
425112 F01
LTC4251
CLOAD
ISOLATED
DC/DC
CONVERTER
MODULE
LOW
VOLTAGE
CIRCUITRY
++
––
PLUG-IN BOARD
BACKPLANE
–48RTN
–48V
+
4
3
2
1
425112 F02
–48RTN
–48V
UV/OV
TIMER
VEE
VIN
SENSE
GATE
LTC4251
R1
402k
1%
R2
32.4k
1%
CT
150nF
CC
18nF
RS
20m
Q1
IRF530S
RC
10
RIN
10k
500mW
C1
10nF
CIN
1
µF
CL
100
µF
TYP
LONG
LONG
SHORT
+
Interlock Conditions
A start-up sequence commences once five initial “inter-
lock” conditions are met:
1. The input voltage VIN exceeds 9.2V (VLKO)
2. The voltage at UV/OV falls within the range of VUVHI to
VOVLO (UV > VUVHI, LTC4251-2)
3. The (SENSE – VEE) voltage is <50mV (VCB)
4. The voltage on the timer capacitor (CT) is less than 1V
(VTMRL)
5. GATE is less than 0.5V (VGATEL)
The first two conditions are continuously monitored and
the latter three are checked prior to initial timing or GATE
ramp-up. Upon exiting an OV condition, the TIMER pin
voltage requirement is inhibited. Details are described in
the Applications Information, Timing Waveforms section.
TIMER begins the start-up sequence by sourcing 5.8
µA
into CT. If VIN or UV/OV falls out of range, the start-up cycle
stops and TIMER discharges CT to less than 1V, then waits
until the aforementioned conditions are once again met. If
CT successfully charges to 4V, TIMER pulls low and GATE
is released. GATE sources 58
µA (IGATE), charging the
MOSFET gate and associated capacitance.
Two modes of operation are possible during the time the
MOSFET is first turning on, depending on the values of
external components, MOSFET characteristics and nomi-
nal design current. One possibility is that the MOSFET will
turn on gradually so that the inrush into the load capaci-
tance remains a low value. The output will simply ramp to
–48V and the MOSFET will be fully enhanced. A second
possibility is that the load current exceeds the current limit
threshold of 100mV/RS. In this case, the LTC4251/
LTC4251-1/LTC4251-2 will ramp the output by sourcing
100mV/RS current into the load capacitance. It is impor-
tant to set the timer delay so that, regardless of which
start-up mode is used, the start-up time is less than the
TIMER delay time. If this condition is not met, the LTC4251/
LTC4251-1/LTC4251-2 may shut down after one TIMER
delay.
Board Removal
If the board is withdrawn from the card cage, the UV/OV
divider is the first to lose connection. This shuts off the
MOSFET and commutates the flow of current in the
connector. When the power pins subsequently separate,
there is no arcing.
Current Control
Three levels of protection handle short-circuit and over-
load conditions. Load current is monitored by SENSE and
resistor RS. There are three distinct thresholds at SENSE:
50mV for a timed circuit breaker function; 100mV for an
analog current limit loop; and 200mV for a fast, feedforward
comparator which limits peak current in the event of a
catastrophic short-circuit.
If, owing to an output overload, the voltage drop across RS
exceeds 50mV, TIMER sources 230
µA into CT. CT eventu-
ally charges to a 4V threshold and the LTC4251/LTC4251-1/
LTC4251-2 latch off. If the overload goes away and SENSE
measures less than 50mV, CT slowly discharges (5.8µA).
In this way the circuit breaker function will also respond to
low duty cycle overloads, and accounts for fast heating
and slow cooling characteristic of the MOSFET.


Similar Part No. - LTC4251IS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4251 LINER-LTC4251 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4251 LINER-LTC4251 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Analog Devices
LTC4251 AD-LTC4251 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4251 AD-LTC4251 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4251 AD-LTC4251 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
More results

Similar Description - LTC4251IS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251-1 LINER-LTC4251-1_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B_15 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-2 LINER-LTC4251B-2_15 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-1 LINER-LTC4251B-1_15 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com