Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2018TS Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2018TS
Description  Power Minder IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2018TS Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2018TS Datasheet HTML 3Page - Texas Instruments BQ2018TS Datasheet HTML 4Page - Texas Instruments BQ2018TS Datasheet HTML 5Page - Texas Instruments BQ2018TS Datasheet HTML 6Page - Texas Instruments BQ2018TS Datasheet HTML 7Page - Texas Instruments BQ2018TS Datasheet HTML 8Page - Texas Instruments BQ2018TS Datasheet HTML 9Page - Texas Instruments BQ2018TS Datasheet HTML 10Page - Texas Instruments BQ2018TS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
Symbol
Register
Name
Loc.
(hex)
Read/
Write
Control Field
7(MSB)
654321
0(LSB)
CMDR
Command
register
-
Write
W/R
AD6
AD5
AD4
AD3
AD2
AD1
AD0
DCRH
Discharge count
register high
byte
7f
Read
DCRH7 DCRH6 DCRH5 DCRH4 DCRH3 DCRH2 DCRH1 DCRH0
DCRL
Discharge
count register
low byte
7e
Read
DCRL7 DCRL6 DCRL5 DCRL4 DCRL3 DCRL2 DCRL1 DCRL0
CCRH
Charge count
register
high byte
7d
Read
CCRH7 CCRH6 CCRH5 CCRH4 CCRH3 CCRH2 CCRH1 CCRH0
CCRL
Charge count
register
low byte
7c
Read
CCRL7 CCRL6 CCRL5 CCRL4 CCRL3 CCRL2 CCRL1 CCRL0
SCRH
Self-discharge
count register
high byte
7b
Read
SCRH7 SCRH6 SCRH5 SCRH4 SCRH3 SCRH2 SCRH1 SCRH0
SCRL
Self-discharge
count register
low byte
7a
Read
SCRL7 SCRL6 SCRL5 SCRL4 SCRL3 SCRL2 SCRL1
SCRL0
DTCH
Discharge
time count
high byte
79
Read
DTCH7 DTCH6 DTCH5 DTCH4 DTCH3 DTCH2 DTCH1 DTCH0
DTCL
Discharge
time count
low byte
78
Read
DTCL7 DTCL6 DTCL5 DTCL4 DTCL3 DTCL2 DTCL1 DTCL0
CTCH
Charge
time count
high byte
77
Read
CTCH7 CTCH6 CTCH5 CTCH4 CTCH3 CTCH2 CTCH1 CTCH0
CTCL
Charge
time count
low byte
76
Read
CTCL7 CTCL6 CTCL5 CTCL4 CTCL3 CTCL2 CTCL1 CTCL0
MODE/
WOE
MODE/ wake-
up output
enable
75
Read/
write
OVRDQ
CAL
STC
STD
WOE3
WOE2
WOE1
0
TMP/CLR
Tempera-
ture/Clear
register
74
Read/
write
TMP2
TMP1
TMP0
CTC
DTC
SCR
CCR
DCR
OFR
Offset
register
73
Read/
write
OFR7
OFR6
OFR5
OFR4
OFR3
OFR2
OFR1
OFR0
RAM
User
memory
72-00
Read/
write
-------
-
Notes:
1.
MODE/WOE register bit 0 is set to zero at startup and should not be
written to 1 for proper bq2018 operation.
2.
OFR value is in two’s complement.
Table 5. bq2018 Command and Status Registers
bq2018


Similar Part No. - BQ2018TS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018TS-E1 TI-BQ2018TS-E1 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2018TS-E1 TI-BQ2018TS-E1 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2018TS-E1TR TI-BQ2018TS-E1TR Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2018TS-E1TR TI-BQ2018TS-E1TR Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2018TS-E1TRG4 TI-BQ2018TS-E1TRG4 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
More results

Similar Description - BQ2018TS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018SN-E1 TI-BQ2018SN-E1 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2018TS-E1 TI-BQ2018TS-E1 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2118 TI-BQ2118 Datasheet
369Kb / 5P
[Old version datasheet]   Power Minder??Mini-Board
logo
Kendall Howard
0004-1-002-01 KENDALLHOWARD-0004-1-002-01 Datasheet
499Kb / 1P
   UNIVERSAL WIRE MINDER
logo
List of Unclassifed Man...
DM2018 ETC2-DM2018 Datasheet
217Kb / 3P
   bq2018 Power Minder??Demonstration Module
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
KODENSHI_AUK CORP.
KOM-5121 KODENSHI-KOM-5121 Datasheet
236Kb / 1P
   Power Monitor IC
logo
International Rectifier
PVR3301 IRF-PVR3301 Datasheet
83Kb / 6P
   Microelectronic Power IC
logo
Unisonic Technologies
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com