Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2031SN Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2031SN
Description  Lead-Acid Fast-Charge IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2031SN Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2031SN Datasheet HTML 3Page - Texas Instruments BQ2031SN Datasheet HTML 4Page - Texas Instruments BQ2031SN Datasheet HTML 5Page - Texas Instruments BQ2031SN Datasheet HTML 6Page - Texas Instruments BQ2031SN Datasheet HTML 7Page - Texas Instruments BQ2031SN Datasheet HTML 8Page - Texas Instruments BQ2031SN Datasheet HTML 9Page - Texas Instruments BQ2031SN Datasheet HTML 10Page - Texas Instruments BQ2031SN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
The resistor values are calculated from the following:
Equation 1
RB1
RB2
NV
V
FLT
=
()
.
22
1
Equation 2
RB1
RB2
RB1
RB3
(
N
)
BLK
+=
V
22
1
.
Equation 3
I
V
R
MAX
SNS
=
0 250
.
where:
n
N = Number of cells
n
VFLT = Desired float voltage
n
VBLK = Desired bulk charging voltage
n
IMAX = Desired maximum charge current
These parameters are typically specified by the battery
manufacturer. The total resistance presented across the
battery pack by RB1 + RB2 should be between 150k
and 1M
Ω. The minimum value ensures that the divider
network does not drain the battery excessively when the
power source is disconnected. Exceeding the maximum
value increases the noise susceptibility of the BAT pin.
An empirical procedure for setting the values in the re-
sistor network is as follows:
1.
Set RB2 to 49.9 k
Ω. (for 3 to 18 series cells)
2.
Determine RB1 from equation 1 given VFLT
3.
Determine RB3 from equation 2 given VBLK
4.
Calculate RSNS from equation 3 given IMAX
Battery Insertion and Removal
The bq2031 uses VBAT to detect the presence or absence
of a battery. The bq2031 determines that a battery is
present when VBAT is between the High-Voltage Cutoff
(VHCO = 0.6 * VCC) and the Low-Voltage Cutoff (VLCO =
0.8V). When VBAT is outside this range, the bq2031 de-
termines that no battery is present and transitions to
the Fault state. Transitions into and out of the range
between VLCO and VHCO are treated as battery inser-
tions and removals, respectively. Besides being used to
detect battery insertion, the VHCO limit implicitly serves
as an over-voltage charge termination, because exceed-
ing this limit causes the bq2031 to believe that the bat-
tery has been removed.
The user must include a pull-up resistor from the posi-
tive terminal of the battery stack to VDC (and a diode to
prevent battery discharge through the power supply
when the supply is turned off) in order to detect battery
removal during periods of voltage regulation. Voltage
regulation occurs in pre-charge qualification test 1 prior
to all of the fast charge algorithms, and in phase 2 of the
Two-Step Voltage fast charge algorithm.
Temperature Monitoring
The bq2031 monitors temperature by examining the
voltage presented between the TS and SNS pins (VTEMP)
by a resistor network that includes a Negative Tempera-
ture Coefficient (NTC) thermistor. Resistance variations
around that value are interpreted as being proportional
to the battery temperature (see Figure 7).
The temperature thresholds used by the bq2031 and
their corresponding TS pin voltage are:
n
TCO—Temperature cutoff—Higher limit of the tem-
perature range in which charging is allowed. VTCO =
0.4 * VCC
n
HTF—High-temperature fault—Threshold to
which temperature must drop after temperature
cutoff is exceeded before charging can begin again.
VHTF = 0.44 * VCC
7
bq2031
FG203104.eps
VCC
VLTF = 0.6V
VHTF = 0.44V
VTCO = 0.4V
Hotter
VSS
TCO
HTF
LTF
Colder
Figure 7. Voltage Equivalent
of Temperature Thresholds


Similar Part No. - BQ2031SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2031SN-A5 TI1-BQ2031SN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031SN-A5G4 TI1-BQ2031SN-A5G4 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
370Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031SN-A5TRG4 TI1-BQ2031SN-A5TRG4 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
More results

Similar Description - BQ2031SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
370Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
logo
Shenzhen Huazhimei Semi...
HM4067C HMSEMI-HM4067C Datasheet
545Kb / 10P
   4A, 12V lead-acid battery charge management IC
logo
Texas Instruments
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
[Old version datasheet]   Fast-Charge IC
logo
Shanghai Consonance Ele...
CN3717 CONSONANCE-CN3717 Datasheet
264Kb / 11P
   Lead-Acid Battery Charger IC
CN3768 CONSONANCE-CN3768 Datasheet
286Kb / 10P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
[Old version datasheet]   Fast-Charge IC
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com