Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF02EN8 Datasheet(PDF) 7 Page - Linear Technology

Part # REF02EN8
Description  Precision Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF02EN8 Datasheet(HTML) 7 Page - Linear Technology

  REF02EN8 Datasheet HTML 1Page - Linear Technology REF02EN8 Datasheet HTML 2Page - Linear Technology REF02EN8 Datasheet HTML 3Page - Linear Technology REF02EN8 Datasheet HTML 4Page - Linear Technology REF02EN8 Datasheet HTML 5Page - Linear Technology REF02EN8 Datasheet HTML 6Page - Linear Technology REF02EN8 Datasheet HTML 7Page - Linear Technology REF02EN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REF-01/REF-02
7
N8 1098
0.100
(2.54)
BSC
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
PACKAGE DESCRIPTIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.


Similar Part No. - REF02EN8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02E AD-REF02E Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02EJ AD-REF02EJ Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
REF02EJ AD-REF02EJ Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
REF02EJ AD-REF02EJ Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
logo
Maxim Integrated Produc...
REF02EP MAXIM-REF02EP Datasheet
251Kb / 8P
   5V, 10V Precision Voltage References
More results

Similar Description - REF02EN8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
   Precision Analog Voltage References
August, 2009 ??Rev. 1
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com