Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3527EUD-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3527EUD-TR
Description  Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3527EUD-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3527EUD-TR Datasheet HTML 7Page - Linear Technology LTC3527EUD-TR Datasheet HTML 8Page - Linear Technology LTC3527EUD-TR Datasheet HTML 9Page - Linear Technology LTC3527EUD-TR Datasheet HTML 10Page - Linear Technology LTC3527EUD-TR Datasheet HTML 11Page - Linear Technology LTC3527EUD-TR Datasheet HTML 12Page - Linear Technology LTC3527EUD-TR Datasheet HTML 13Page - Linear Technology LTC3527EUD-TR Datasheet HTML 14Page - Linear Technology LTC3527EUD-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3527/LTC3527-1
11
35271f
limit the minimum and maximum error amp output volt-
ages for improved large-signal transient response. Power
converter control loop compensation is provided internally.
An external resistive voltage divider from VOUT1 (VOUT2)
to ground programs the respective output voltage via FB1
(FB2) from 1.6V to 5.25V.
VV
R
R
VV
R
R
OUT
OUT
1
2
120
1
1
2
120
1
3
4
=+
⎣⎢
⎦⎥
=+
.•
.•
⎣⎣⎢
⎦⎥
()
See Block Diagram
Current Sensing: Lossless current sensing converts the
peak current signal of each N-channel MOSFET switch
into a voltage which is summed with its corresponding
internal slope compensation. The summed signals are
compared to their respective error amplifier outputs to
provide individual peak current control commands for the
PWM of each converter.
Current Limit: The current limit comparators shut off
the N-channel MOSFET switches once their threshold
is reached. Each current limit comparator delay time to
output is typically 60ns. Peak switch current is limited
to approximately 900mA for converter 1 and 500mA for
converter 2, independent of input or output voltage. If
VOUT1 or VOUT2 falls below 1V, its respective current limit
is cut in half.
Zero Current Comparator: The zero current comparators
monitor the inductor current to the outputs and shut off
the synchronous rectifiers when the current reduces to ap-
proximately 30mA. This prevents the inductor current from
reversing in polarity, improving efficiency at light loads.
Synchronous Rectifier: To control inrush current and
to prevent the inductor currents from running away when
VOUT1 or VOUT2 is close to VIN, the P-channel MOSFET
synchronous rectifiers are only enabled when their respec-
tive VOUT > (VIN + 0.24V).
Anti-Ringing Control: The anti-ringing control connects a
resistor across the inductor to prevent high frequency ring-
ing on the SW1 (SW2) pins during discontinuous current
mode operation. Although the ringing of the resonant circuit
formed by the inductors and CSW (capacitance on SW1 or
SW2 pins) is low energy, it can cause EMI radiation.
Output Disconnect: The LTC3527/LTC3527-1 are
designed to allow true output disconnect by eliminating
body diode conduction of the internal P-channel MOSFET
rectifiers. This allows VOUT1 and VOUT2 to go to zero volts
during shutdown, drawing no current from the input source.
It also allows for inrush current limiting at turn-on, mini-
mizing surge currents seen by the input supply. Note that
to obtain the advantages of output disconnect, there must
not be external Schottky diodes connected between the
SW1 (SW2) pins and VOUT1 (VOUT2). The output discon-
nect feature also allows VOUT1 or VOUT2 to be pulled high,
without any reverse current into a battery on VIN.
Thermal Shutdown: If the die temperature exceeds
160°C, the device will go into thermal shutdown. All
switches will be turned off and the soft-start capacitors
will be discharged. The device will be enabled again when
the die temperature drops by about 15°C.
Burst Mode Operation
To realize the efficiency benefits of Burst Mode operation,
both VOUT1 and VOUT2 must be under a light load current
condition, if they are both enabled. If one channel is shut
down, then Burst Mode operation is enabled on the other
channel. With the MODE pin low, the LTC3527/LTC3527-1
will automatically enter Burst Mode operation at light load
and return to fixed frequency PWM mode when the load
increases. Refer to the Typical Performance Characteristics
to see the Output Load Burst Mode Threshold Current vs
VIN. The load current at which Burst Mode operation is
entered can be changed by adjusting the inductor value.
Raising the inductor value will lower the load current at
which Burst Mode is operation entered.
In Burst Mode operation, the LTC3527/LTC3527-1 still
switches at a fixed frequency of 1.2MHz (FSEL = 0) or
2.2MHz (FSEL = 1), using the same error amplifier and
loop compensation for peak current mode control. This
control method eliminates the output transient when
switching between modes. In Burst Mode operation,
energy is delivered to the output until it reaches the
nominal regulation value, then the LTC3527/LTC3527-1
transitions to sleep mode where the outputs are off and
the LTC3527/LTC3527-1 consumes only 12µA of quies-
cent current from the higher of VOUT1 or VOUT2. When
OPERATION


Similar Part No. - LTC3527EUD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3527 LINER-LTC3527 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3527 LINER-LTC3527 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3527-1 LINER-LTC3527-1 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3527EUD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com