Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3528BEDDB-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3528BEDDB-TRPBF
Description  1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3528BEDDB-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3528BEDDB-TRPBF Datasheet HTML 5Page - Linear Technology LTC3528BEDDB-TRPBF Datasheet HTML 6Page - Linear Technology LTC3528BEDDB-TRPBF Datasheet HTML 7Page - Linear Technology LTC3528BEDDB-TRPBF Datasheet HTML 8Page - Linear Technology LTC3528BEDDB-TRPBF Datasheet HTML 9Page - Linear Technology LTC3528BEDDB-TRPBF Datasheet HTML 10Page - Linear Technology LTC3528BEDDB-TRPBF Datasheet HTML 11Page - Linear Technology LTC3528BEDDB-TRPBF Datasheet HTML 12Page - Linear Technology LTC3528BEDDB-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3528/LTC3528B
9
3528fa
Zero Current Comparator
The zero current comparator monitors the inductor cur-
rent to the output and shuts off the synchronous rectifier
when this current reduces to approximately 20mA. This
prevents the inductor current from reversing in polarity,
improving efficiency at light loads.
Synchronous Rectifier
To control inrush current and to prevent the inductor
current from running away when VOUT is close to VIN, the
P- channel MOSFET synchronous rectifier is only enabled
when VOUT > (VIN + 0.24V).
Anti-Ringing Control
The anti-ringing control connects a resistor across the
inductor to prevent high frequency ringing on the SW pin
during discontinuous current mode operation. The ringing
of the resonant circuit formed by L and CSW (capacitance
on SW pin) is low energy, but can cause EMI radiation.
Output Disconnect
The LTC3528/LTC3528B is designed to allow true output
disconnect by eliminating body diode conduction of the
internal P-channel MOSFET rectifier. This allows for VOUT
to go to zero volts during shutdown, drawing no current
from the input source. It also enables inrush current limiting
at turn-on, minimizing surge currents seen by the input
supply. Note that to obtain the advantages of output discon-
nect, a Schottky diode cannot be connected between SW
and VOUT. The output disconnect feature also allows VOUT
to be forced above the programmed regulation voltage,
without any reverse current into a battery on VIN.
Thermal Shutdown
If the die temperature exceeds 160°C, the LTC3528/
LTC3528B will enter thermal shutdown. All switches will be
turned off and the soft-start capacitor will be discharged.
The device will be enabled again when the die temperature
drops by approximately 15°C.
Burst Mode OPERATION
The LTC3528 will automatically enter Burst Mode operation
at light load current and return to fixed frequency PWM
mode when the load increases. Refer to the Typical Perfor-
mance Characteristics to see the output load Burst Mode
threshold vs VIN. The load at which Burst Mode operation
is entered can be changed by adjusting the inductor value.
Raising the inductor value will lower the load current at
which Burst Mode operation is entered.
In Burst Mode operation, the LTC3528 continues switch-
ing at a fixed frequency of 1MHz, using the same error
amplifier and loop compensation for peak current mode
control. This control method minimizes output transients
when switching between modes. In Burst Mode opera-
tion, energy is delivered to the output until it reaches the
nominal regulated value, then the LTC3528 transitions to
sleep mode where the outputs are off and the LTC3528
consumes only 12μA of quiescent current from VOUT. Once
the output voltage has drooped slightly, switching resumes
again. This maximizes efficiency at very light loads by
minimizing switching and quiescent current losses. Burst
Mode output ripple, which is typically 1% peak-to-peak,
can be reduced by using more output capacitance (10μF
or greater).
As the load current increases, the LTC3528 automatically
leaves Burst Mode operation. Note that larger output ca-
pacitor values may cause this transition to occur at lighter
loads. The regulator will also leave Burst Mode operation if
a load transient occurs which causes the inductor current
to repeatedly reach current limit. Once the LTC3528 has left
Burst Mode operation and returned to normal operation,
it will remain there until the output load is reduced below
the Burst threshold.
Burst Mode operation is inhibited during start-up and
until soft-start is done and VOUT is at least 0.24V greater
than VIN.
The LTC3528B features continuous PWM operation at
1MHz. At very light loads, the LTC3528B will exhibit
pulse-skip operation.
OPERATION (Refer to Block Diagram)


Similar Part No. - LTC3528BEDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3528BEDDB-2-PBF LINER-LTC3528BEDDB-2-PBF Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528BEDDB-2-TRPBF LINER-LTC3528BEDDB-2-TRPBF Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
More results

Similar Description - LTC3528BEDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3528 LINER-LTC3528_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com