Selected language     English  ▼


F-3420 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-3420
Description  Low Pass Filters
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
33
FILTERS - 1/98
Electrical Specifications at 25OC
Low Pass Filters
3 Pole & 7 Pole / 50 Ω & 100 Ω
Equal Termination, Butterworth Type
For Analog, Video and
Communication signals
FCC & VDE EMI Filtering
10BaseT & Lan Applications
1
2
3
.490
(12.45)
MAX.
.375
(9.53)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.120
(3.05)
MAX.
.060
(1.52)
TYP.
.010
(0.25)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
.200
(5.08)
1
4 5 6
8
8
1
4
5
6
7 Element
Schematic
1
2
3 Element
Schematic
3
Dimensions in
inches (mm)
.275
(6.99)
MAX.
.800
(20.32)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.100
(2.54)
TYP.
.
.010
(0.25)
TYP.
.200
(5.08)
MAX.
.200
(5.08)
.300
(7.62)
TYP.
"SIL2" PACKAGE
(3 Pole)
5-Pin SIP Package
(7 Pole)
Custom Designs Available
Cut-off Frequencies from
500 Khz to 500 MHz
Impedances from 50
Ω to 400 Ω
Filter Types include:
Low Pass
High Pass
Band Pass
Band Rejection
Alignments include:
Butterworth
Chebyshev
Bessel
Elliptical
Part
Impedance
Cut-Off
Insertion
Order
Package
Number
(Ohms)
Freq. (MHz)
Loss (dB)
n
Type
F-3400
50
0.5
0.3
3
SIL2
F-3401
50
1.0
0.3
3
SIL2
F-3402
50
2.5
0.3
3
SIL2
F-3403
50
5.0
0.3
3
SIL2
F-3404
50
10.0
0.3
3
SIL2
F-3405
50
50.0
0.3
3
SIL2
F-3406
50
100
0.3
3
SIL2
F-3407
50
0.5
0.3
7
5-Pin SIP
F-3408
50
1.0
0.3
7
5-Pin SIP
F-3409
50
2.5
0.3
7
5-Pin SIP
F-3410
50
5.0
0.3
7
5-Pin SIP
F-3411
50
10.0
0.3
7
5-Pin SIP
F-3412
50
50.0
0.3
7
5-Pin SIP
F-3413
50
100
0.3
7
5-Pin SIP
F-3414
100
0.5
0.3
3
SIL2
F-3415
100
1.0
0.3
3
SIL2
F-3416
100
2.5
0.3
3
SIL2
F-3417
100
5.0
0.3
3
SIL2
F-3418
100
10.0
0.3
3
SIL2
F-3419
100
50.0
0.3
3
SIL2
F-3420
100
100
0.3
3
SIL2
F-3421
100
0.5
0.3
7
5-Pin SIP
F-3422
100
1.0
0.3
7
5-Pin SIP
F-3423
100
2.5
0.3
7
5-Pin SIP
F-3424
100
5.0
0.3
7
5-Pin SIP
F-3425
100
10.0
0.3
7
5-Pin SIP
F-3426
100
50.0
0.3
7
5-Pin SIP
F-3427
100
100
0.3
7
5-Pin SIP




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EPE6355GLow Pass Filter for Cable Modem Applications 1 PCA ELECTRONICS INC.
VLF-1800+Coaxial Low Pass Filter 1 Mini-Circuits
EPB5128GLow Pass Filter for Cable Modem Applications 1 PCA ELECTRONICS INC.
EPB5130GDual Low Pass Filter for Cable Modem Applications 1 PCA ELECTRONICS INC.
ISL59118Dual Video Driver with Low Pass Filter 1 2 3 4 5 MoreIntersil Corporation
EPB5203GLow Pass Filter for Cable Modem Applications 1 PCA ELECTRONICS INC.
B2039AADSL POTS LOW PASS FILTER FOR CUSTOMER PREMISES 1 Pulse A Technitrol Company
EPB5205GLow Pass Filter for Cable Modem Applications 1 PCA ELECTRONICS INC.
AFC10.7M10.7 MHZ LEADED LOW LOSS CERAMIC FILTERS 1 Abracon Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl