Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3535EDD-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3535EDD-PBF
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535EDD-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3535EDD-PBF Datasheet HTML 1Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 2Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 3Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 4Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 5Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 6Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 7Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 8Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3535
4
3535f
TYPICAL PERFORMANCE CHARACTERISTICS (Each Channel) T
A = 25°C, unless otherwise noted.
VIN (V)
1.0
0
10
30
40
50
100
70
2.0
3.0
3.5
3535 G07
20
80
90
60
1.5
2.5
4.0
4.5
VIN (V)
1
0
5
10
15
20
25
30
1.25
1.5
3535 G08a
ENTER BURST
LEAVE BURST
VOUT = 1.8V
L = 4.7μH
VIN (V)
1
15
20
25
3535 G08b
10
5
0
1.25
1.5
1.75
30
35
40
2
ENTER BURST
LEAVE BURST
VOUT = 2.5V
L = 4.7μH
VIN (V)
1.0
0
5
15
20
25
40
35
1.5
2.0
3535 G08c
10
30
2.5
3.0
ENTER BURST
LEAVE BURST
VOUT = 3.3V
L = 4.7μH
VIN (V)
1.0
40
50
2.5
3.5
3535 G08d
30
20
1.5
2.0
3.0
4.0
4.5
10
0
ENTER BURST
LEAVE BURST
VOUT = 5V
L = 4.7μH
VOUT (V)
1.5
1
2
3
3.0
4.0
3535 G09
0
–1
2.0
2.5
3.5
4.5
5.0
–2
–3
NORMALIZED TO VOUT = 3.3V
Oscillator Frequency Change
vs VOUT
Start-Up Delay Time vs VIN
Burst Mode Threshold Current
vs VIN
Burst Mode Threshold Current
vs VIN
Burst Mode Threshold Current
vs VIN
Burst Mode Threshold Current
vs VIN
Efficiency vs Load Current
and VIN for VOUT = 5V
Maximum Output Current vs VIN
Minimum Load Resistance
During Start-Up vs VIN
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3535 G03
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 2.4V
VIN = 3.6V
VIN = 4.2V
POWER LOSS
EFFICIENCY
VIN (V)
0.5
200
300
4.5
3535 G05
100
0
1.5
2.5
3.5
1.0
2.0
3.0
4.0
400
150
250
50
350
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V
L = 4.7μH
VIN (V)
0.65
100
1000
10000
1.05
0.95
0.75
1.15
0.85
3526 G06
10
VOUT = 3.3V


Similar Part No. - LTC3535EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3535 LINER-LTC3535 Datasheet
1Mb / 16P
   Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3535 LINER-LTC3535_15 Datasheet
1Mb / 16P
   Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
More results

Similar Description - LTC3535EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3535 LINER-LTC3535_15 Datasheet
1Mb / 16P
   Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
   600mA, 1MHz, Synchronous Step-Up DC-DC Converter
logo
Linear Technology
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com