Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2050HSN-A508 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2050HSN-A508
Description  Low-Cost Lithium Ion Power Gauge IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2050HSN-A508 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2050HSN-A508 Datasheet HTML 6Page - Texas Instruments BQ2050HSN-A508 Datasheet HTML 7Page - Texas Instruments BQ2050HSN-A508 Datasheet HTML 8Page - Texas Instruments BQ2050HSN-A508 Datasheet HTML 9Page - Texas Instruments BQ2050HSN-A508 Datasheet HTML 10Page - Texas Instruments BQ2050HSN-A508 Datasheet HTML 11Page - Texas Instruments BQ2050HSN-A508 Datasheet HTML 12Page - Texas Instruments BQ2050HSN-A508 Datasheet HTML 13Page - Texas Instruments BQ2050HSN-A508 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Communicating With the bq2050H
The bq2050H includes a simple single-pin (HDQ plus return)
serial data interface. A host processor uses the interface to
access various bq2050H registers.
Battery characteristics
may be easily monitored by adding a single contact to the
battery pack.
The open-drain HDQ pin on the bq2050H
should be pulled up by the host system, or may be left float-
ing if the serial interface is not used.
The interface uses a command-based protocol, where the
host processor sends a command byte to the bq2050H.
The command directs the bq2050H to either store the
next eight bits of data received to a register specified by
the command byte or output the eight bits of data speci-
fied by the command byte. (See Figure 4.)
The communication protocol is asynchronous return-to-
one. Command and data bytes consist of a stream of
eight bits that have a maximum transmission rate of
5K bits/sec. The least-significant bit of a command or
data byte is transmitted first.
The protocol is simple
enough that it can be implemented by most host proces-
sors using either polled or interrupt processing. Data in-
put from the bq2050H may be sampled using the pulse--
width capture timers available on some microcontrollers.
If a communication error occurs (e.g., tCYCB > 250
µs),
the bq2050H should be sent a BREAK to reinitiate the
serial interface. A BREAK is detected when the HDQ
pin is driven to a logic-low state for a time, tB or greater.
The HDQ pin should then be returned to its normal
ready-high logic state for a time, tBR. The bq2050H is
now ready to receive a command from the host proces-
sor.
The return-to-one data bit frame consists of three dis-
tinct sections.
The first section is used to start the
transmission by either the host or the bq2050H taking
the HDQ pin to a logic-low state for a period, tSTRH;B.
The next section is the actual data transmission, where
the data should be valid by a period, tDSU;B, after the
negative edge used to start communication. The data
should be held for a period, tDH;DV, to allow the host or
bq2050H to sample the data bit.
The final section is used to stop the transmission by re-
turning the HDQ pin to a logic-high state by at least a
period, tSSU;B, after the negative edge used to start com-
munication. The final logic-high state should be until a
period tCYCH;B, to allow time to ensure that the bit
transmission was stopped properly. The timings for data
and break communication are given in the serial com-
munication timing specification and illustration sec-
tions.
Communication with the bq2050H is always performed
with the least-significant bit being transmitted first. Fig-
ure 5 shows an example of a communication sequence to
read the bq2050H NACH register.
bq2050H Command Code and
Registers
The bq2050H status registers are listed in Table 8 and de-
scribed below. All registers are Read/Write in the bq2050H.
Caution: When writing to bq2050H registers ensure
that proper data is written. A write-verify read is rec-
ommended.
Command Code
The bq2050H latches the command code when eight
valid command bits have been received by the bq2050H.
The command code contains two fields:
I
W/R bit
I
Command address
The W/R bit of the command code is used to select whether
the received command is for a read or a write function.
The W/R values are:
Where W/R is:
0
The bq2050H outputs the requested register
contents specified by the address portion of com-
mand code.
1
The following eight bits should be written to the
register specified by the address portion of com-
mand code.
The lower seven-bit field of the command code contains
the address portion of the register to be accessed.
10
bq2050H
VOS
(
µV)
Sense Resistor
20
50
100
m
50
0.25
0.10
0.05
%
100
0.50
0.20
0.10
%
150
0.75
0.30
0.15
%
180
0.90
0.36
0.18
%
Table 7. VOS-Related Current Sense Error
(Current = 1A)
Command Code Bits
76
5
4
3
2
1
0
W/R
-
--
-
-
-
-


Similar Part No. - BQ2050HSN-A508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050HSN-A508 TI1-BQ2050HSN-A508 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
BQ2050HSN-A508G4 TI1-BQ2050HSN-A508G4 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
BQ2050HSN-A508TR TI1-BQ2050HSN-A508TR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
BQ2050HSN-A508TRG4 TI1-BQ2050HSN-A508TRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
More results

Similar Description - BQ2050HSN-A508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050H TI1-BQ2050H_15 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
logo
List of Unclassifed Man...
BQ2050SN-D119 ETC-BQ2050SN-D119 Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050 TI1-BQ2050_15 Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2014H TI-BQ2014H Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014H TI1-BQ2014H_15 Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
   1cell Lithium-ion/Lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com