Selected language     English  ▼


T-10403 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10403
Description  ISDN S-Interface Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
ISDN-SNG - 9/97
13
ISDN S-Interface
Transformers
Meets the Pulse Waveform Template of CCITT I.430
when recommended Transformer and Chip pair are used.
Excellent Longitudinal Balance
2kV
RMS & 4kVRMS min. Isolation
ElectricalSpecifications 1,2,3,4at 25OC
Isolation (Min.)
Turns
OCL min.
LLmax.
C
W/W
CD pri.
DCR Pri. DCR Sec.
2000VRMS
4000VRMS
Ratio
Pri
Sec.
max.
max.
+ 15%
+ 15%
Schem.
Part. No.
Part. No.
( + 2%)
( mH )
(
µH )
( pF )
( pF )
(
Ω )
(
Ω )Style
T-10400
T-10450
1:1
22
5
100
40
2.4
2.4
A
T-10401
T-10451
1:1.8
22
15
100
140
2.5
4.2
B
T-10402
T-10452
1:2
22
15
100
80
2.3
4.0
A
T-10403
T-10453
1:2.5
22
30
100
150
2.5
5.8
B
T-10404
T-10454
1:2.5
22
15 / 40
100
110
2.5
5.8
C
T-10405
T-10455
1:2
22
11
100
180
2.5
5.0
A
1. Primary is Line Side
2. OCL: Primary Inductance
@10 kHz and 700 mV
3. Unbalanced current at
TE:
∆ Idc = 1 mA max.
4. Longitudinal Conversion
Loss 10KHz to 300 KHz
60dB min.
Schematic "C"
Schematic "A"
Pri
Se c
Se c
Pr i
Schematic "B"
Pri
Sec
All of the above parts are
available as Surface
Mount components.
For Surface Mount part
number replace the second
digit of thru hole part
number with "3".
( i.e. T-10400 = T-13400)
Surface Mount Package, T-134XX
Tape and Reel Available
NOTE: Unused Pins Omitted as per Schematic Diagrams




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-18300ISDN S-Interface Low Profile SMT Dual Transformers 1 Rhombus Industries Inc.
T-10550ISDN S-Interface Transformers 1 Rhombus Industries Inc.
T-13550ISDN S-Interface Transformers 1 Rhombus Industries Inc.
T-13700ISDN S-Interface Applications Transformers - EP Style 1 Rhombus Industries Inc.
T-13750ISDN S-Interface Applications Transformers - RM Style 1 Rhombus Industries Inc.
B78388P1254A005ISDN Transformers 1 2 EPCOS
B78310P1583A005ISDN Transformers 1 2 EPCOS
B78310P1623A005ISDN Transformers DC/DC Converter 1 2 EPCOS
B78510A1452A003ISDN Transformers 1 2 EPCOS
B78510A1223A003ISDN Transformers 1 2 EPCOS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl