Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGF-10 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # AGF-10
Description  10 Watts Universal Input Range AC/DC Power Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AGF-10 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  AGF-10 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AGF-10 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AGF-10 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AGF-10 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
72
680
15
201
42
417
24
AGF-10S24
75
1000
15
193
67
667
15
AGF-10S15
76
1000
15
191
83
833
12
AGF-10S12
72
2200
15
201
200
2000
5
AGF-10S05
70
2200
15
171
250
2500
3.3
AGF-10S03
% (Typ.)
uF
mA (Typ.)
mA (Typ.)
mA
mA
VDC
@Max. Load
Max.
@No Load
@Max. Load
Min.
Max.
115VAC, 60Hz
Efficiency
Capacitive Load
Input Current
Output Current
Output Voltage
Model
Number
Model Selection Guide
1.5A Slow - Blow Type
External Fuse (Recommended)
All Models
Input Fuse Selection Guide
A
30
---
---
230VAC
A
15
---
---
115VAC
Inrush Current (Cold Start at 25])
Hz
440
---
47
Input Frequency Range
VAC
264
---
90
All Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
Hiccup mode, indefinite (automatic recovery)
Short circuit protection
%
---
---
105
85VAC, Hiccup technique, auto-recovery
Current limitation
%
5
---
---
Overshoot
%/]
{0.02
{0.01
---
Temperature Coefficient
% of Vo
---
120
---
Zener diode clamp
Over Voltage Protection
%Vpp of Vo
1.0
0.8
---
Other Output Models
%Vpp of Vo
1.8
1.5
---
3.3 & 5.0VDC Output Models
Ripple & Noise (20MHz)
%
{1.0
{0.5
---
Io=Min. to Max.
Load Regulation
%
{1.0
{0.5
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
K Hours
---
---
330
MIL-HDBK-217F @ 25], Ground Benign
MTBF
ms
---
15
---
115VAC, 60Hz
Hold-up Time
KHz
---
125
---
Switching Frequency
M[
---
---
100
500VDC
Isolation Resistance
VDC
---
---
4700
Input to output, Flash Tested for 1 Second
Isolation Voltage Test
VAC
---
---
3000
Input to Output, 60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
AGF-10 Series
2
MINMAX
REV:5 2009/02/16


Similar Part No. - AGF-10

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AGF-10S03 MINMAX-AGF-10S03 Datasheet
248Kb / 3P
   AC/DC Power Module 10W Ultra-compact Dimensions
AGF-10S03 MINMAX-AGF-10S03 Datasheet
302Kb / 3P
   AC/DC Power Module 10W
AGF-10S05 MINMAX-AGF-10S05 Datasheet
248Kb / 3P
   AC/DC Power Module 10W Ultra-compact Dimensions
AGF-10S05 MINMAX-AGF-10S05 Datasheet
302Kb / 3P
   AC/DC Power Module 10W
AGF-10S12 MINMAX-AGF-10S12 Datasheet
248Kb / 3P
   AC/DC Power Module 10W Ultra-compact Dimensions
More results

Similar Description - AGF-10

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
ETA-USA
DTC70-XSX-W ETA-USA-DTC70-XSX-W Datasheet
234Kb / 2P
   AC/DC SWITCHING DESKTOP ADAPTOR POWER SUPPLY SINGLE OUTPUT / UNIVERSAL RANGE INPUT 70 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com