Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3823 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N3823
Description  1.0 Watt Zener Diode 3.3 to 6.2 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N3823 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N3823 Datasheet HTML 1Page - Micro Commercial Components 1N3823 Datasheet HTML 2Page - Micro Commercial Components 1N3823 Datasheet HTML 3Page - Micro Commercial Components 1N3823 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N3821A
THRU
1N3828A
1.0 Watt
Zener Diode
3.3 to 6.2 Volts
DO-41G
Features
Double Plug Construction
Metallurgically Bound
Maximum Ratings & Thermal Characteristics
Ratings at 25° C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Power
Dissipation at
TL = 95° C
Ptot
1.0
Operating
Temperature
Tj
-65 ~ +175
Storage
Temperature
Range
TSTG
-65 ~ +175
oC
Forward Voltage
at IF=200mA
1.2
VF
V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 5
2008/07/30
TM
Micro Commercial Components
Marking: CathodeBand and Type Number
W
Power
Derating
AbroveTL = 95° C
12.5
oC
mW/
www.mccsemi.com
1 of 4
A
B
C
D
D
Cathode
Mark
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
oC
Note:
1. Lead in Glass
Exemption Applied, see EU Directive Annex 5.
- - - - -
- - - - -
4 . 5 0
0 . 1 7 7
MIN
M A X
MIN
M A X
A
D I M E N S I O N S
D I M
I N C H E S
M M
N O T E
- - - - -
- - - - -
C
0 . 0 2 6
0 . 0 3 4
0.70
0.90
D i a m e t e r
D
1 . 0 0 0
-----
2 5 . 4 0
-----
B
2 . 8 0
0 . 1 1 0
D i a m e t e r


Similar Part No. - 1N3823

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3823 CDI-DIODE-1N3823 Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Microsemi Corporation
1N3823 MICROSEMI-1N3823 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Motorola, Inc
1N3823 MOTOROLA-1N3823 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N3823 MCC-1N3823 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
New Jersey Semi-Conduct...
1N3823 NJSEMI-1N3823 Datasheet
149Kb / 1P
   1N3821 thru 1N3830, 1N3016 thru 1N3051
More results

Similar Description - 1N3823

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
   1.0 Watt Zener Diode 3.3 to 100 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
   1.5 Watt Zener Diode 3.3 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com