Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKF-15C Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # AKF-15C
Description  15 Watts Universal Input Range AC/DC Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AKF-15C Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  AKF-15C Datasheet HTML 1Page - Minmax Technology Co., Ltd. AKF-15C Datasheet HTML 2Page - Minmax Technology Co., Ltd. AKF-15C Datasheet HTML 3Page - Minmax Technology Co., Ltd. AKF-15C Datasheet HTML 4Page - Minmax Technology Co., Ltd. AKF-15C Datasheet HTML 5Page - Minmax Technology Co., Ltd. AKF-15C Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UL94V-0
:
Flammability
162g
:
Weight
Plastic resin + Fiberglass
:
Case Material
3.78*2.13*0.92 inches
96.0*54.0*23.3 mm
:
Case Size
Physical Characteristics
NC: No Connection
+Vout1
+Vout1
NC
7
-Vout1
-Vout1
+Vout
+Vout
6
+Vout2
+Vout2
Common
NC
5
Common
-Vout2
-Vout
-Vouot
4
-Vout3
NC
3
AC(L) - AC Line
2
AC(N) - AC Neutral
1
Triple
Output
Dual
Output2
Dual
Output1
Single
Output
Pin
76.0 [2.99]
10.0 [0.39]
86.0 [3.39]
96.0 [3.78]
1
2
3
4
5
6
7
Top view
4 x O3.5
I
Pin Connections
Chassis mounting
UL94V-0
:
Flammability
114g
:
Weight
Plastic resin + Fiberglass
:
Case Material
2.91*2.13*0.76 inches
74.0*54.0*19.3 mm
:
Case Size
Physical Characteristics
NC: No Connection
+Vout1
+Vout1
No Pin
7
-Vout1
-Vout1
+Vout
+Vout
6
+Vout2
+Vout2
Common
No Pin
5
Common
-Vout2
-Vout
-Vouot
4
-Vout3
No Pin
3
AC(L) - AC Line
2
AC(N) - AC Neutral
1
Triple
Output
Dual
Output2
Dual
Output1
Single
Output
Pin
PCB mounting
Bottom
39.8 [1.57]
20.32 [0.800]
54.0 [2.13]
Mounting M3.5 Thead
Side
0.5 [0.02]
19.3 [0.76]
1
2
5
76
4
3
7.1
[0.28]
7.1
[0.28]
8.89
[0.350]
11.43
[0.450]
11.43
[0.450]
8.89
[0.350]
6.0 [0.24]
Pin Connections
Mechanical Dimensions
AKF-15 Series
REV:13 2008/08
MINMAX
5


Similar Part No. - AKF-15C

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15D12 MINMAX-AKF-15D12 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15D12 MINMAX-AKF-15D12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AKF-15D12 MINMAX-AKF-15D12 Datasheet
435Kb / 5P
   AC/DC Power Module 15W
AKF-15D15 MINMAX-AKF-15D15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
More results

Similar Description - AKF-15C

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Tumbler Technologies + ...
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
   15 Watts AC/DC Medical Power Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com