Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKF-15S05 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # AKF-15S05
Description  15 Watts Universal Input Range AC/DC Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AKF-15S05 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  AKF-15S05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 5Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1500
-15
-150
-15
1500
15
150
15
74
30
284
2200
200
2000
5
AKF-15T515
1500
-20
-200
-12
1500
20
200
12
74
30
290
2200
200
2000
5
AKF-15T512
1500
63
625
12
72
30
302
2000
150
1500
5
AKF-15D512
79
30
275
#
1500
{50
{500
{15
AKF-15D15
79
30
275
#
1500
{65
{650
{12
AKF-15D12
79
30
273
680
30
310
48
AKF-15S48
79
30
275
1000
63
625
24
AKF-15S24
79
30
275
2200
100
1000
15
AKF-15S15
79
30
275
2200
125
1250
12
AKF-15S12
75
30
290
3900
300
3000
5
AKF-15S05
% (Typ.)
mA (Typ.)
mA (Typ.)
uF
mA
mA
VDC
@Max. Load
@No Load
@Max. Load
Max.
Min.
Max.
115VAC, 60Hz
Efficiency
Input Current
Capacitive Load
Output Current
Output Voltage
Model Number
Model Selection Guide
B
C
C
30% 10ms
60% 100ms
95% 5000ms
EN61000-4-11
B
0.15~80MHz 10Vrms
(functional earth ports
included)
80% AM 1kHz
modulation
EN61000-4-6
B
1.2/50uS(8/20uS)
AC dif. {1KV
DC {0.5KV
EN61000-4-5
B
AC port {2KV
DC, SL, TL {2KV
not less than 1 min.
EN61000-4-4
A
80~1000MHz 10V/m
80% AM1KHz
modulation
EN61000-4-3
B
Air {8KV
Cont. {4KV
EN61000-4-2
Performance
Criteria
specification
requirement
Standard
Conducted EMC
EN55022 Class B
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
85
-40
Storage Temperature
]
71
-25
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Note :
1. Specifications typical at Ta=+25], resistive
load, 115VAC, 60Hz input voltage, rated
output current unless otherwise noted.
2. Ripple & Noise measurement bandwidth is
0-20 MHz.
3. These power modules require a minimum
output loading to maintain specified
regulation.
4. Operation under no-load conditions will not
damage these devices; however they may not
meet all listed specifications.
5. Other input and output voltage may be
available, please contact factory.
6. Specifications subject to change without
notice.
7. To order the power module with chassis
mounting style, please add a suffix C (e.g.
AKF-15S05C).
8. Part Number for DIN-Rail bracket:
AC-DIN-01
Environmental Specifications
Output voltage accuracy 4% max.
#
For each output
AKF-15 Series
2
MINMAX
REV:13 2008/08


Similar Part No. - AKF-15S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15S05 MINMAX-AKF-15S05 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15S05 MINMAX-AKF-15S05 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AKF-15S05 MINMAX-AKF-15S05 Datasheet
435Kb / 5P
   AC/DC Power Module 15W
More results

Similar Description - AKF-15S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Tumbler Technologies + ...
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
   15 Watts AC/DC Medical Power Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com