Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKF-15S05 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # AKF-15S05
Description  15 Watts Universal Input Range AC/DC Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AKF-15S05 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  AKF-15S05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 5Page - Minmax Technology Co., Ltd. AKF-15S05 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Triple Output
Rectifier
Rectifier
Rectifier
Switching
Device
Control Circuit
Isolation
Ref.Amp
+Vo2
Com.
-Vo3
+Vo1
-Vo1
Positive
Regulator
Negative
Regulator
L
N
Fuse
Rectifier
EMI Filter
and
Inrush Current
Limiter
Dual Output2
Rectifier
Rectifier
Control Circuit
Isolation
Ref.Amp
+Vo1
-Vo2
+Vo2
L
N
Fuse
Switching
Device
-Vo1
Positive
Regulator
Rectifier
EMI Filter
and
Inrush Current
Limiter
Dual Output1
Switching
Device
Rectifier
Rectifier
Isolation
Ref.Amp
+Vo
Com.
-Vo
Control Circuit
L
N
Fuse
Rectifier
EMI Filter
and
Inrush Current
Limiter
Single Output
Switching
Device
Rectifier
+Vo
-Vo
Isolation
Ref.Amp
Control Circuit
L
N
Fuse
Rectifier
EMI Filter
and
Inrush Current
Limiter
Block Diagram
AKF-15 Series
4
MINMAX
REV:13 2008/08


Similar Part No. - AKF-15S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15S05 MINMAX-AKF-15S05 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15S05 MINMAX-AKF-15S05 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AKF-15S05 MINMAX-AKF-15S05 Datasheet
435Kb / 5P
   AC/DC Power Module 15W
More results

Similar Description - AKF-15S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Tumbler Technologies + ...
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
   15 Watts AC/DC Medical Power Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com