Selected language     English  ▼


F-129G Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-129G
Description  High Frequency Data Line Filter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
PARAMETER
UNITS
(1) Inductance
85.0 Min.
µH
(1) Leakage Inductance
0.25 Max.
µH
(1) Interwinding Capacitance
12 Max.
pF
Primary DC Resistance
0.30 Max.
Isolation (HI-POT)
500 Min.
V
RMS
SRF (Ref.)
20
MHz
Insulation Resistance
10k Min.
M
Power Rating
250
mW
Crosstalk 60 dB @ 5 MHz Nominal
50 dB @ 10 MHz Nominal
Longitudinal Conversion Loss
0 - 300KHz
56 dB Min.
300 KHz - 500KHz 52 db Min.
500 KHz - 1MHz
46 dB Min.
1MHz - 5 MHz
36 db Min.
Operating Temperature Range -40OC TO +85OC
Storage Temperature Range -55OC TO +125OC
1/25/01
High Frequency
Data Line Filter
3 Coils 6 Data Lines
Schematic Diagram
F-129G
Turns ratio 1:1 + 0%
Current Rating: 100mA
1Tested at 100KHz and 500 mV
RMS
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.205
(5.21)
MAX.
.015
(0.38)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.885
(22.48)
MAX.
Dimensions in inches (mm)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-1506High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-1516High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-127High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-129High Frequency Data Line Filter 1 2 3 Rhombus Industries Inc.
F-119High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-120High Frequency Data Line Filter 4 Lines - Two Coils 1 Rhombus Industries Inc.
F-121High Frequency Data Line Filter 1 COIL- 8 LINES 1 Rhombus Industries Inc.
F-175High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-1505High Frequency Data Line Filter 1 Rhombus Industries Inc.
STTH16003High frequency secondary rectifier 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl