Selected language     English  ā–¼


F-132 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-132
Description  Small 4-Pin Thru-hole Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
12/12/01
F-132
www.rhombus-ind.com
.230
(5.80)
.390
(9.90)
.1 20
(3.05)
.360
(9.140)
.300
(7.62)
.100
(2.54)
Schematic
Diagram
3
4
2
1
Physical
Dimensions
inches (mm)
Operating Temperature Range: 0 oC to +70 oC
Small 4-Pin Thru-hole Common Mode Choke
Pri. Ind.
DCR
Common Mode Attenuation (dB) Typ.
Part
OCL, Min.
Max.
Number
(
ĀµH )
(
ā„¦ )
100k
1MHz
10MHz
30MHz
50MHz
100MHz 300MHz
500MHz 1GHz
F-132
140
0.6
143445495047383225
Electrical Specifications at 25o C
Reduces radiated EMI emissions
Filter common mode noise for EMI reduction
Common mode attenuation from 100 kHz to 1 GHz




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-1902Common Mode Choke 1 Rhombus Industries Inc.
BM1012LF_06DC COMMON MODE CHOKE COIL 1 Sumida Corporation
CPFC74DC COMMON MODE CHOKE COIL 1 2 Sumida Corporation
SLF0905Tcommon mode choke coils 1 KOA Speer Electronics, Inc.
CBM6068Common Mode Choke Coils 1 Sumida Corporation
CPFC75DC COMMON MODE CHOKE COIL 1 Sumida Corporation
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
F-1904Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
EPA3393Common Mode Choke 1 PCA ELECTRONICS INC.
CLP82_06DC COMMON MODE CHOKE COIL 1 2 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl