Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-61031 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-61031
Description  Low Profile International Series Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-61031 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-61031 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
INTL-PC 11/98
Specifications are subject to change without notice
W
C
A
H
L
A
B
F
13
4
6
D
A
A
9
7
10
12
11
A
A
A
B
12
10
9
7
.187 MIN
(4.75)
E
Low Profile International Series Power Transformer
www.rhombus-ind.com
Secondary Ratings
Part
--- Series ---
--- Parallel ---
Number
VA
V
I(Amps)
V I (Amps)
T-61001
2.5
10.0
0.25
5.0
0.5
T-61002
5.0
10.0
0.5
5.0
1.0
T-61003
10.0
10.0
1.0
5.0
2.0
T-61004
20.0
10.0
2.0
5.0
4.0
T-61005
30.0
10.0
3.0
5.0
6.0
T-61006
56.0
10.0
5.6
5.0
11.2
T-61007
2.5
12.6
0.2
6.3
0.4
T-61008
5.0
12.6
0.4
6.3
0.8
T-61009
10.0
12.6
0.8
6.3
1.6
T-61010
20.0
12.6
1.6
6.3
3.2
T-61011
30.0
12.6
2.4
6.0
4.8
T-61012
56.0
12.6
4.4
6.0
8.8
T-61013
2.5
16.0
0.15
8.0
0.3
T-61014
5.0
16.0
0.31
8.0
0.62
T-61015
10.0
16.0
0.62
8.0
1.25
T-61016
20.0
16.0
1.25
8.0
2.5
T-61017
30.0
16.0
1.9
8.0
3.8
T-61018
56.0
16.0
3.5
8.0
7.0
T-61019
2.5
20.0
0.12
10.0
0.24
T-61020
5.0
20.0
0.25
10.0
0.5
T-61021
10.0
20.0
0.5
10.0
1.0
T-61022
20.0
20.0
1.0
10.0
2.0
T-61023
12.0
20.0
1.5
10.0
3.0
T-61024
56.0
20.0
2.8
10.0
5.6
T-61025
2.5
24.0
0.1
12.0
0.2
T-61026
5.0
24.0
0.21
12.0
0.42
T-61027
10.0
24.0
0.42
12.0
0.84
T-61028
20.0
24.0
0.83
12.0
1.66
T-61029
30.0
24.0
1.25
12.0
2.5
T-61030
56.0
24.0
2.33
12.0
4.66
T-61031
2.5
28.0
0.09
14.0
0.18
T-61032
5.0
28.0
0.18
14.0
0.36
T-61033
10.0
28.0
0.36
14.0
0.72
T-61034
20.0
28.0
0.72
14.0
1.44
T-61035
30.0
28.0
1.06
14.0
2.12
T-61036
56.0
28.0
2.0
14.0
4.0
T-61037
2.5
36.0
0.07
18.0
0.14
T-61038
5.0
36.0
0.14
18.0
0.28
T-61039
10.0
36.0
0.28
18.0
0.56
T-61040
20.0
36.0
0.56
18.0
1.12
T-61041
30.0
36.0
0.82
18.0
1.64
T-61042
56.0
36.0
1.56
18.0
3.12
Size
Dimension in Inches
(VA)
L
W
H
A*
B
C
D
E
F
2.5
1.625
1.313 1.125 .200 .250
1.000
1.063
5.0
1.625
1.313 1.375 .200 .400
1.000
1.063
10.0 1.875
1.563 1.375 .200 .400
1.140
1.250
20.0 2.250
1.875 1.625 .400 .400
1.460
.40
1.500
30.0 2.625
2.188 1.563 .550 .275
1.680
.55
1.75 2.19
56.0 3.000
2.500 1.813 .600 .300
1.900
.60
2.00 2.50
NON-CONCENTRIC WINDING:
Primary and Secondary are wound
side-by-side rather than layered.
The added isolation reduces inter-
winding capacitance, eliminating
the need for an electro-static shield.
Additionally, it reduces radiated
magnetic fields.
4 000 Volts RMS Hipot Test - Dual
Non-concentric Bobbins and insulating
Shroud Provide High Isolation and
Reduced Capacitance
* For 20.0 TO 56.0 series secondary only, dimensions A is 1/2 of value shown
Materials used in construction of
this component meet or exceed
UL Class B and can be operated
up to 130o C
Dual Primaries: 115/230V, 50/60 Hz
3 Flange Bobbin Design
6 VA Ratings -- Hi-Pot 4000 VRMS
FOR 2.5 T0 56.0 VA
SECONDARY
FOR 2.5 T0 10.0 VA
SECONDARY
FOR 20.0 T0 56.0 VA
PRIMARY
Schematic
6
4
7
9
3
1
10
12
FOR 2.5 TO 10.0 SERIES
FOR 20.0 TO 56.0 SERIES
Parallel External
Connections:
6-3, 1-4 & 10-7, 9-12
Series External
Connections:
4-3 & 9-10
6
4
7
9
3
1
10
12
11


Similar Part No. - T-61031

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T-6 COOPER-T-6 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
T-6 EATON-T-6 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Cooper Bussmann, Inc.
T-6-1/4 COOPER-T-6-1/4 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
T-6-1/4 EATON-T-6-1/4 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Cooper Bussmann, Inc.
T-6/10 COOPER-T-6/10 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
More results

Similar Description - T-61031

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE-025P-10 WABASH-VDE-025P-10 Datasheet
741Kb / 2P
   International Power Transformer
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
PowerVolt Inc.
14P-56-24 POWERVOLT-14P-56-24 Datasheet
70Kb / 1P
   International Power transformer
logo
Wabash Transformer Inc.
VDE-25L-10 WABASH-VDE-25L-10 Datasheet
767Kb / 3P
   International Power Transformer
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
VDE-10L-10 WABASH-VDE-10L-10 Datasheet
750Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
P41-43-10 POWERVOLT-P41-43-10 Datasheet
307Kb / 1P
   INTERNATIONAL POWER TRANSFORMER
logo
Wabash Transformer Inc.
VDE-80T-10 WABASH-VDE-80T-10 Datasheet
651Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
PCL2-20-24 POWERVOLT-PCL2-20-24 Datasheet
451Kb / 1P
   INTERNATIONAL CLASS 2 POWER TRANSFORMER
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
   Low Profile Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com