Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZF-60S051 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # AZF-60S051
Description  60 Watts Universal Input Range AC/DC Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AZF-60S051 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  AZF-60S051 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AZF-60S051 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AZF-60S051 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AZF-60S051 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AZF-60S051 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UL94V-0
:
Flammability
410
:
Weight
Plastic resin + Fiberglass
:
Case Material
4.41*2.67*1.93 inches
112.0*67.8*49.0 mm
:
Case Size
Physical Characteristics
NC
7
-Vout
6
NC
5
+Vout
4
NC
3
AC(L) - AC Line
2
AC(N) - AC Neutral
1
100.0 [3.94]
112.0 [4.41]
92.0 [3.62]
10.0 [0.39]
Top view
4 x O3.5
1
2
3
4
5
6
7
Function
Pin
Pin Connections
DIN-Rail Package
AZF-60 Series
REV:5 2009/02/11
MINMAX
5


Similar Part No. - AZF-60S051

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AZF-60S051 MINMAX-AZF-60S051 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S051 MINMAX-AZF-60S051 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
AZF-60S051 MINMAX-AZF-60S051 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
More results

Similar Description - AZF-60S051

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
ETA-USA
DTC70-XSX-W ETA-USA-DTC70-XSX-W Datasheet
234Kb / 2P
   AC/DC SWITCHING DESKTOP ADAPTOR POWER SUPPLY SINGLE OUTPUT / UNIVERSAL RANGE INPUT 70 WATTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com