Selected language     English  ā–¼


F-134 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-134
Description  COMMON MODE CHOKE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 of 1
06/19/98
F-134
COMMON MODE CHOKE
The application of the Common Mode Choke is EMI suppression in ISDN U-interface.
withstands power induction as specified in Figure 4 and Figure A.4 of ITU-T K.20.
The CMC is tested with pin 1 of the CMC as point A in the figures, and pin 5 as point B.
Pins 6 and 10 of the CMC are connected to the earth.
Withstands power contact as specified in Figures 5 of ITU-T K.20. The CMC is tested with
pin 1 of the CMC as point A in the figure, and pin 5 as point B. Pins 6 and 10 of the CMC
are connected to the earth.
Withstands surges as specified in The Bellcore TR-NWT001089 standard (items 6 and 10
of the table 4-2):
1 kV peak voltage, 100 A minimum peak current, 10/100
Āµsec waveform, 25 times for
each polarity, test connection A.
2.5 kV peak voltage, 500 A minimum peak current, 2/10
Āµsec waveform, 10 times for
each polarity, test connection B.
The CMC is tested with pin 1 of the CMC as Tip in the figure, and pin 5 as Ring. Pins 6
and 10 of the CMC are connected to the earth.
Passes 80 kbaud 2B1Q signals (differential) specified in ITU-T G.961.
)
)
)
)
Schematic Diagram
1
4
5
6
Parameter
Min.
Typ.
Max.
Units
Inductance
(1-10)
5.5
mH
Leakage Inductance
1.0
mH
DC Resistance
(1-10) or (5-6)
0.8
W
Hi-Pot
(1-10) to (5-6)
500
VDC
Current
100
mA
Frequency Range
100
50000
kHz
Suggested Solder Pad Layout
.148
(3.75)
TYP.
.039
(1.00)
TYP.
.385
(9.77)
.854
(21.7)
MAX.
.1.09
(27.7)
.81
(20.6)
.827
(21.0)
.012
(0.30)
TYP.
.07
(1.80)
.148
(3.75)
.787
(20.0)
.079
(2.0)
.11
(2.8)
10
9
8
7
6
12
3
4
5
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CBM6068Common Mode Choke Coils 1 Sumida Corporation
CPFC75DC COMMON MODE CHOKE COIL 1 Sumida Corporation
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
F-1904Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
EPA3393Common Mode Choke 1 PCA ELECTRONICS INC.
CLP82_06DC COMMON MODE CHOKE COIL 1 2 Sumida Corporation
F-139Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
F-1914Common Mode Choke 1 Rhombus Industries Inc.
CLP42-151DC COMMON MODE CHOKE COIL Type:CLP Series> 1 Sumida Corporation
F-1421ISDN S Interface Common Mode Choke 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl