Electronic Components Datasheet Search
Selected language     English  ā–¼


F-137 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part No. F-137
Description  High Frequency Data Line Filter 3 Coils 6 Data Lines
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 2 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
7/29/97
High Frequency
Data Line Filter:
P/N F-137
- 40
Frequency
10 MHz
1 MHz
- 50
- 60
- 70
- 80
1000
2000
Frequency
500 MHz
1 MHz
1500
3000
3500
2500
500
Impedance
Crosstalk




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-120High Frequency Data Line Filter 4 Lines - Two Coils 1 Rhombus Industries Inc.
F-121High Frequency Data Line Filter 1 COIL- 8 LINES 1 Rhombus Industries Inc.
F-119High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-175High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-1505High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-1506High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-1516High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-127High Frequency Data Line Filter 1 Rhombus Industries Inc.
F-129High Frequency Data Line Filter 1 2 3 Rhombus Industries Inc.
F-129GHigh Frequency Data Line Filter 1 2 3 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl