Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF-30T5312P Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # AQF-30T5312P
Description  30 Watts Universal Input Range AC/DC Power Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AQF-30T5312P Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  AQF-30T5312P Datasheet HTML 1Page - Minmax Technology Co., Ltd. AQF-30T5312P Datasheet HTML 2Page - Minmax Technology Co., Ltd. AQF-30T5312P Datasheet HTML 3Page - Minmax Technology Co., Ltd. AQF-30T5312P Datasheet HTML 4Page - Minmax Technology Co., Ltd. AQF-30T5312P Datasheet HTML 5Page - Minmax Technology Co., Ltd. AQF-30T5312P Datasheet HTML 6Page - Minmax Technology Co., Ltd. AQF-30T5312P Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
40
---
---
230VAC
A
20
---
---
115VAC
Inrush Current (Cold Start at 25])
Hz
440
---
47
Input Frequency Range
VAC
265
---
85
All Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Conditions
Parameter
Input Specifications
Hiccup mode, indefinite (automatic recovery)
Short Circuit Protection
%
---
---
105
85VAC, Hiccup technique, auto-recovery
Current Limitation
%
5
---
---
Overshoot
%/]
---
{0.02
---
Temperature Coefficient
% of Vo
---
120
---
Zener diode clamp
Over Voltage Protection
%Vpp of Vo
1.3
1.0
---
Other Output Models
%Vpp of Vo
1.8
1.5
---
3.3 & 5.0VDC Output Models
Ripple & Noise (20MHz)
%
---
{5.0
---
Vo3
%
---
{5.0
---
Vo2
%
---
{2.0
---
Measured output Io = 20% to 100% of rated load
Other output are set at 50% of rated load
Vo1
Cross Regulation-
Dual Positives / Triple Output
%
---
{4.0
---
Vo2&Vo3
%
{5.0
{2.5
---
Vo1
Triple Output Models
%
{5.0
{2.5
---
Dual Output Models
%
{1.0
{0.5
---
Single Output Models
Iout=Min. to Max.
Load Regulation
%
{1.0
{0.2
---
Vin=Min. to Max.
Line Regulation
%
---
{3.0
---
Vo2&Vo3
%
{2.0
{1.0
---
Vo1
Dual Positive / Triple Output
%
{2.0
{1.0
---
Single / Dual Output
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
K Hours
---
---
250
MIL-HDBK-217F @ 25], Ground Benign
MTBF
ms
---
20
---
115VAC, 60Hz
Hold-up Time
KHz
---
100
---
Switching Frequency
M[
---
---
100
500VDC
Isolation Resistance
VDC
---
---
4700
Input to Output, Flash Tested for 1 Second
Isolation Test Voltage
VAC
---
---
3000
Input to Output, 60 Seconds
Isolation Voltage
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
1.5A Slow - Blow Type
External Fuse (Recommended)
3.5A / 250VAC
Built-in Fuse
All Models
Input Fuse
AQF-30 Series
4
MINMAX
REV:14 2008/08


Similar Part No. - AQF-30T5312P

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AQF-30T5312P MINMAX-AQF-30T5312P Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30T5312P MINMAX-AQF-30T5312P Datasheet
315Kb / 5P
   AC/DC Power Module 30W Fully encapsulated Plastic Case
AQF-30T5312P MINMAX-AQF-30T5312P Datasheet
376Kb / 5P
   AC/DC Power Module 30W
More results

Similar Description - AQF-30T5312P

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
logo
ETA-USA
ESS30 ETA-USA-ESS30 Datasheet
3Mb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
LRT-00X ETA-USA-LRT-00X Datasheet
558Kb / 6P
   AC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com