Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZF-60S48 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # AZF-60S48
Description  60 Watts Universal Input Range AC/DC Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AZF-60S48 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  AZF-60S48 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AZF-60S48 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AZF-60S48 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AZF-60S48 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AZF-60S48 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
84
50
1035
680
125
1250
48
AZF-60S48
84
50
1035
1000
166
1666
36
AZF-60S36
84
50
1035
1500
250
2500
24
AZF-60S24
83
50
1047
3300
400
4000
15
AZF-60S15
82
50
1060
3900
500
5000
12
AZF-60S12
79
50
936
8000
1000
10000
5.1
AZF-60S051
% (Typ.)
mA (Typ.)
mA (Typ.)
uF
mA
mA
VDC
@Max. Load
@No Load
@Max. Load
Max.
Min.
Max.
115VAC, 60Hz
Efficiency
Input Current
Capacitive Load
Output Current
Output
Voltage
Model Number
Model Selection Guide
3A Slow - Blow Type
External Fuse (Recommended)
6A / 250VAC
Built-in Fuse
All Models
Input Fuse
A
50
---
---
230VAC
A
30
---
---
115VAC
Inrush Current (Cold Start at 25])
Hz
63
---
47
Input Frequency Range
VDC
370
---
120
VAC
265
---
85
All Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
Hiccup mode, indefinite (automatic recovery)
Short Circuit Protection
%
---
---
105
automatic recovery (Note 8)
Current Limitation
%
5
---
---
Overshoot
%/]
---
{0.02
---
Temperature Coefficient
%
{6
{3
---
(Iout=100% to Iout=50%)
Transient Response Deviation
uS
1000
400
---
50% Load Step Change
Transient Recovery Time
% of Vo
---
120
---
Zener diode clamp
Over Voltage Protection
%Vpp of Vo
1.3
1.0
---
Other Output Models
%Vpp of Vo
3.0
2.0
---
5.1VDC Output Models
Ripple & Noise (20MHz)
%
{1.0
{0.5
---
All Models
Iout=Min. to Max.
Load Regulation
%
{1.0
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{1.0
---
All Models
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
AZF-60 Series
2
MINMAX
REV:5 2009/02/11


Similar Part No. - AZF-60S48

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AZF-60S48 MINMAX-AZF-60S48 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S48 MINMAX-AZF-60S48 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
AZF-60S48 MINMAX-AZF-60S48 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
More results

Similar Description - AZF-60S48

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
ETA-USA
DTC70-XSX-W ETA-USA-DTC70-XSX-W Datasheet
234Kb / 2P
   AC/DC SWITCHING DESKTOP ADAPTOR POWER SUPPLY SINGLE OUTPUT / UNIVERSAL RANGE INPUT 70 WATTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com