Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2092SN Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2092SN
Description  Gas Gauge IC with SMBus-Like Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2092SN Datasheet(HTML) 4 Page - Texas Instruments

  BQ2092SN Datasheet HTML 1Page - Texas Instruments BQ2092SN Datasheet HTML 2Page - Texas Instruments BQ2092SN Datasheet HTML 3Page - Texas Instruments BQ2092SN Datasheet HTML 4Page - Texas Instruments BQ2092SN Datasheet HTML 5Page - Texas Instruments BQ2092SN Datasheet HTML 6Page - Texas Instruments BQ2092SN Datasheet HTML 7Page - Texas Instruments BQ2092SN Datasheet HTML 8Page - Texas Instruments BQ2092SN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
Parameter Name
Address
Length
Units
Design capacity
0x00/0x01
16 bits: low byte, high byte
mAh
Initial battery voltage
0x02/0x03
16 bits: low byte, high byte
mV
Fast charging current
0x04/0x05
16 bits: low byte, high byte
mA
Charging voltage
0x06/0x07
16 bit: low byte, high byte
mV
Remaining capacity alarm
0x08/0x09
16 bits: low byte, high byte
mAh
FLAGS1
0x0a
8 bits
N/A
FLAGS2
0x0b
8 bits
N/A
Current measurement gain
0x0c/0x0d
16 bits: low byte, high byte
N/A
EDV1
0x0e/0x0f
16 bits: low byte, high byte
mV
EDVF
0x10/0x11
16 bits: low byte, high byte
mV
Temperature offset
0x12
8 bits
0.1°K
Maximum charge temperature/
∆T/∆t
0x13
8 bits
N/A
Self-discharge rate
0x14
8 bits
N/A
Digital filter
0x15
8 bits
N/A
Current integration gain
0x16/0x17
16 bits: low byte, high byte
N/A
Full charge percentage
0x18
8 bits
N/A
Charge compensation
0x19
8 bits
N/A
Battery voltage offset
0x1a
8 bits
mV
Battery voltage gain
0x1b/0x1c
16 bits: high byte, low byte
N/A
Serial number
0x1d/0x1e
16 bits: low byte, high byte
N/A
Hold-off timer
0x1f
8 bits
N/A
Cycle count
0x20/0x21
16 bits: low byte, high byte
N/A
Maintenance charge current
0x22/0x23
16 bits: low byte, high byte
mA
Reserved
0x24/0x31
Design voltage
0x32/0x33
16 bits: low byte, high byte
mV
Specification information
0x34/0x35
16 bits: low byte, high byte
N/A
Manufacturer date
0x36/0x37
16 bits: low byte, high byte
N/A
Reserved
0x38/0x3f
Manufacturer name
0x40/0x4f
8 + 120 bits
N/A
Device name
0x50/0x5f
8 + 120 bits
N/A
Chemistry
0x60/0x6f
8 + 120 bits
N/A
Manufacturer data
0x70/0x7f
8 +120 bits
N/A
Table 1. Configuration Memory Programming Values
Note:
N/A = Not applicable; data packed or coded. See “Programming the bq2092” for details.
bq2092


Similar Part No. - BQ2092SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2092SN TI1-BQ2092SN Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092SN-A309 TI1-BQ2092SN-A309 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092SN-A309TR TI1-BQ2092SN-A309TR Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
More results

Similar Description - BQ2092SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com