Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWH1032N Datasheet(PDF) 7 Page - LUXPIA

Part # LWH1032N
Description  SMD Top View Type(2Chips In 1)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH1032N Datasheet(HTML) 7 Page - LUXPIA

Back Button LWH1032N Datasheet HTML 3Page - LUXPIA LWH1032N Datasheet HTML 4Page - LUXPIA LWH1032N Datasheet HTML 5Page - LUXPIA LWH1032N Datasheet HTML 6Page - LUXPIA LWH1032N Datasheet HTML 7Page - LUXPIA LWH1032N Datasheet HTML 8Page - LUXPIA LWH1032N Datasheet HTML 9Page - LUXPIA LWH1032N Datasheet HTML 10Page - LUXPIA LWH1032N Datasheet HTML 11Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
LWH1032N
Different and Better
7. Taping
(1) Dimension of wheel((Material : PS Conductive, 10E9~12Ω)
(Unit : mm)
(2) Dimension of tape(Material : PS Conductive, 10E4~5Ω)
(Unit : mm)


Similar Part No. - LWH1032N

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LWH1032N LUXPIA-LWH1032N Datasheet
693Kb / 21P
   Specification for Approval
LWH1032N LUXPIA-LWH1032N_13 Datasheet
693Kb / 21P
   Specification for Approval
More results

Similar Description - LWH1032N

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LWH1033N LUXPIA-LWH1033N Datasheet
297Kb / 17P
   SMD Top View Type(3Chips In 1)
LFH1033 LUXPIA-LFH1033 Datasheet
382Kb / 16P
   SMD Top View Type(3Chips In 1)
LWH1035 LUXPIA-LWH1035 Datasheet
296Kb / 17P
   SMD Top View Type
LWH1036N LUXPIA-LWH1036N Datasheet
301Kb / 15P
   SMD Top View Type
LYU1035 LUXPIA-LYU1035 Datasheet
213Kb / 16P
   SMD Top View Type
LRM1037 LUXPIA-LRM1037 Datasheet
635Kb / 16P
   Package : SMD Top View Type (1chip, 1Zener in 1PKG)
LGM1037 LUXPIA-LGM1037 Datasheet
299Kb / 14P
   Package : SMD Top View Type (1chip, 1Zener in 1PKG)
logo
Everlight Electronics C...
67-21-S9C-N1U1V1A5E8 EVERLIGHT-67-21-S9C-N1U1V1A5E8 Datasheet
454Kb / 10P
   SMD Top View LEDs
logo
Rohm
RPT-38PT3F ROHM-RPT-38PT3F Datasheet
70Kb / 3P
   Phototransistor, top view type
RPT-37PB3F ROHM-RPT-37PB3F_10 Datasheet
136Kb / 3P
   Phototransistor, top view type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com