Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD7510TL-25.0M-PLE Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # FD7510TL-25.0M-PLE
Description  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7510TL-25.0M-PLE Datasheet(HTML) 1 Page - Pletronics, Inc.

  FD7510TL-25.0M-PLE Datasheet HTML 1Page - Pletronics, Inc. FD7510TL-25.0M-PLE Datasheet HTML 2Page - Pletronics, Inc. FD7510TL-25.0M-PLE Datasheet HTML 3Page - Pletronics, Inc. FD7510TL-25.0M-PLE Datasheet HTML 4Page - Pletronics, Inc. FD7510TL-25.0M-PLE Datasheet HTML 5Page - Pletronics, Inc. FD7510TL-25.0M-PLE Datasheet HTML 6Page - Pletronics, Inc. FD7510TL-25.0M-PLE Datasheet HTML 7Page - Pletronics, Inc. FD7510TL-25.0M-PLE Datasheet HTML 8Page - Pletronics, Inc. FD7510TL-25.0M-PLE Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2007, 2008, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
FD7T Series
Multi-Output
CMOS Clock Oscillator
May 2008
• Pletronics’ FD7T Series is a quartz crystal
controlled precision square wave generator with
multiple independent CMOS outputs
• Output frequencies from 12 KHz to 230 MHZ
• Selectable low jitter or spread spectrum outputs.
• Device characteristics may be either factory or
field programmable
• 1.8V, 2.5 or 3.3V LVCMOS outputs
• 5 x 7 mm LCC Ceramic Package
Low power
• This is a low cost, mass produced oscillator.
• Tape and Reel or cut tape packaging is
available.
• The package is designed for high density
surface
mount designs
Model Number
PLLs
Outputs
FD77xxT
4
7
FD75xxT
3
5
FD74xxT
2
4
FD73xxT
1
3
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.17 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
DD
-0.5V to +2.5V
V
DDOUT
-0.5V to +4.6V
Vi
Input Voltage
-0.5V to V
DD+ 0.5V
Vo
Output Voltage
-0.5V to V
DDOUT + 0.5V
Io
Continuous Output Current
+
_ 50 mA
Tj Maximum Junction Temperature
125
oC
Thermal Resistance, Junction to Case
50
oC/Watt


Similar Part No. - FD7510TL-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD7509 ETC-FD7509 Datasheet
916Kb / 11P
   80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results

Similar Description - FD7510TL-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com