Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MECH2B-30 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # MECH2B-30
Description  MECH2B Series 10KH ECL Logic Buffered Dual Independent Delays
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

MECH2B-30 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  MECH2B-30 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
MECH2B 2000-01
OPERATING SPECIFICATIONS
V
EE Supply Voltage
........................................... -5.20
± 0.25 VDC
I
EE Supply Current
................................ 65mA typ, 105 mA max.
Logic “1” Input:
V
IH ..............................................
-1.07 V min.
I
IH ............................................... 425 µA max.
Logic “0” Input:
V
IL .............................................. -1.48 V max.
I
IL ...............................................
0.5
µA max.
V
OH Logic “1” Voltage Out .............................................
-1.02 V min.
V
OL Logic “0” Voltage Out ............................................
-1.60 V max.
T
RO Output Rise Time ............................................... < 3.00 ns typ.
Minimum Input Pulse Width, P
WI .............. 100% of total delay, min.
Operating Temperature Range .................................... 0O to +75OC
Storage Temperature Range .................................. -65O to +150OC
TEST CONDITIONS
(Measurements made at 25OC)
V
EE Supply Voltage ......................................................
-5.20VDC
Input Pulse Voltage ............................................. -.80V to -1.80V
Input Pulse Rise Time .............................................. 3.00ns max.
Input Pulse Period ............................................. 4.0 x Total Delay
Input Pulse Duty Cycle ......................................................... 50%
Outputs terminated through 100
Ω to -2.00 Vdc.
Package Dimensions: 16 Pin Dual-in-line (Unused leads removed)
Inches (mm)
MAX.
.260
(6.60)
TYP.
.810
(20.57)
.300
(7.62)
MAX.
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
14
16
15
8
5
IN
6
1
IN 2
OUT
OUT
1
2
1
VEE
VCC
VCC
MECH2B Style Schematic
Electrical Specifications at 25OC)
Delay
Tolerance
(ns)
10KH ECL
Dual P/N
Delay
Tolerance
(ns)
10KH ECL
Dual P/N
3 ± 1.0
MECH2B-3
15 ± 1.0
MECH2B-15
4 ± 1.0
MECH2B-4
20 ± 1.0
MECH2B-20
5 ± 1.0
MECH2B-5
25 ± 2.0
MECH2B-25
6 ± 1.0
MECH2B-6
30 ± 2.0
MECH2B-30
7 ± 1.0
MECH2B-7
35 ± 2.0
MECH2B-35
8 ± 1.0
MECH2B-8
40 ± 2.0
MECH2B-40
9 ± 1.0
MECH2B-9
50 ± 2.5
MECH2B-50
10 ± 1.0
MECH2B-10
60 ± 3.0
MECH2B-60
11 ± 1.0
MECH2B-11
75 ± 3.75
MECH2B-75
12.5 ± 1.0
MECH2B-12P5
100 ± 5.0
MECH2B-100
Also in 10K ECL: MEC2B Series
For 10KH Triples: MECLH Series
MECH2B Series
10KH ECL Logic Buffered
Dual Independent Delays


Similar Part No. - MECH2B-30

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
MechanicalModel LEDIL-MechanicalModel Datasheet
3Mb / 66P
   Florence Lens array
More results

Similar Description - MECH2B-30

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
MSDM-5 RHOMBUS-IND-MSDM-5 Datasheet
31Kb / 1P
   MSDM Series FAST / TTL Buffered Triple Independent Delays
AI3D-5 RHOMBUS-IND-AI3D-5 Datasheet
32Kb / 1P
   AI3D Series FAST / TTL Buffered Triple Independent Delays
ECLPWG-5 RHOMBUS-IND-ECLPWG-5 Datasheet
31Kb / 1P
   10K / 10KH ECL Logic Pulse Width Control Modules
FAMDL-4 RHOMBUS-IND-FAMDL-4 Datasheet
45Kb / 1P
   Logic Buffered Single - Dual - Triple Independent Delay Modules
FAI4D-M01 RHOMBUS-IND-FAI4D-M01 Datasheet
34Kb / 1P
   FAST / TTL Logic Buffered Triple & Quad Delays Modules
FECL-3 RHOMBUS-IND-FECL-3 Datasheet
33Kb / 1P
   10K ECL Logic Buffered Delay 16-Pin Modules
logo
Bel Fuse Inc.
S459-0006-02 BEL-S459-0006-02 Datasheet
64Kb / 1P
   5 TAP LEADING EDGE CONTROL 10KH ECL DELAY MODULES
logo
Xilinx, Inc
XC9536XL-10VQG44I XILINX-XC9536XL-10VQG44I Datasheet
202Kb / 10P
   5 ns pin-to-pin logic delays
XC95288XL-10BGG256C XILINX-XC95288XL-10BGG256C Datasheet
242Kb / 14P
   6 ns pin-to-pin logic delays
XCR3384XL XILINX-XCR3384XL_07 Datasheet
120Kb / 13P
   7.5 ns pin-to-pin logic delays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com