Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSKW3000 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSKW3000
Description  MSKW3000 Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW3000 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSKW3000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW3000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW3000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW3000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW3000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSKW3000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSKW3000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSKW3000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
83
126
{16.7
{167
{15
MSKW3037
83
125
{20.8
{208
{12
MSKW3036
80
130
{50
{500
{5
MSKW3035
83
125
33.3
333
15
MSKW3034
83
126
41.7
417
12
MSKW3033
80
130
100
1000
5
MSKW3032
76
10
10
109
120
1200
3.3
48
( 18 ~ 75 )
MSKW3031
83
252
{16.7
{167
{15
MSKW3027
83
251
{20.8
{208
{12
MSKW3026
80
260
{50
{500
{5
MSKW3025
83
251
33.3
333
15
MSKW3024
83
251
41.7
417
12
MSKW3023
80
260
100
1000
5
MSKW3022
76
15
20
217
120
1200
3.3
24
( 9 ~ 36 )
MSKW3021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
220
330
680
330
470
2000
2000
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
750mA Slow-Blow type
1500mA Slow-Blow type
48V Input Models
24V Input Models
Input Fuse Selection Guide
Pi Filter
Input Filter
mW
3000
1000
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
17
15
13
48V Input Models
8
7
6
24V Input Models
Under Voltage Shutdown
18
16
14
48V Input Models
VDC
9
8
7
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MSKW3000 Series
2
MINMAX
REV:3 2008/10


Similar Part No. - MSKW3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
MSKW WALL-MSKW Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW12D12W5 WALL-MSKW12D12W5 Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
MSKW12D12W5 WALL-MSKW12D12W5 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW12D15W5 WALL-MSKW12D15W5 Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
More results

Similar Description - MSKW3000

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com