Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L1635DZNI-12G Datasheet(PDF) 8 Page - Macronix International

Part # MX25L1635DZNI-12G
Description  16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1635DZNI-12G Datasheet(HTML) 8 Page - Macronix International

Back Button MX25L1635DZNI-12G Datasheet HTML 4Page - Macronix International MX25L1635DZNI-12G Datasheet HTML 5Page - Macronix International MX25L1635DZNI-12G Datasheet HTML 6Page - Macronix International MX25L1635DZNI-12G Datasheet HTML 7Page - Macronix International MX25L1635DZNI-12G Datasheet HTML 8Page - Macronix International MX25L1635DZNI-12G Datasheet HTML 9Page - Macronix International MX25L1635DZNI-12G Datasheet HTML 10Page - Macronix International MX25L1635DZNI-12G Datasheet HTML 11Page - Macronix International MX25L1635DZNI-12G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
MX25L1635D
P/N: PM1374
REV. 1.5, OCT. 01, 2008
PIN CONFIGURATIONS
SYMBOL
DESCRIPTION
CS#
Chip Select
SI/SIO0
Serial Data Input (for 1 x I/O)/ Serial Data
Input & Output (for 2xI/O or 4xI/O read
mode)
SO/SIO1
Serial Data Output (for 1 x I/O)/ Serial
Data Input & Output (for 2xI/O or 4xI/O
read mode)
SCLK
Clock Input
WP#/SIO2
Write protection: connect to GND or Serial
Data Input & Output (for 4xI/O read mode)
NC/SIO3
NC pin (Not connect) or Serial Data
Input & Output (for 4xI/O read mode)
VCC
+ 3.3V Power Supply
GND
Ground
PIN DESCRIPTION
16-PIN SOP (300mil)
8-LAND WSON (6x5mm)
8-PIN SOP (200mil, 150mil)
PACKAGE OPTIONS
16M
150mil 8-SOP
V
209mil 8-SOP
V
300mil 16-SOP
V
6x5mm WSON
V
1
2
3
4
5
6
7
8
NC/SIO3
VCC
NC
NC
NC
NC
CS#
SO/SIO1
16
15
14
13
12
11
10
9
SCLK
SI/SIO0
NC
NC
NC
NC
GND
WP#/SIO2
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
VCC
NC/SIO3
SCLK
SI/SIO0
8
7
6
5
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
8
7
6
5
VCC
NC/SIO3
SCLK
SI/SIO0


Similar Part No. - MX25L1635DZNI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635EM2I10G MCNIX-MX25L1635EM2I10G Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results

Similar Description - MX25L1635DZNI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1608E MCNIX-MX25L1608E Datasheet
598Kb / 46P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1605D MCNIX-MX25L1605D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1606EZUI-12G MCNIX-MX25L1606EZUI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L12805F GENERALPLUS-GPR25L12805F Datasheet
3Mb / 58P
   128M-bit [x 1/x 2/x 4] CMOS Serial Flash
logo
Macronix International
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L25605F GENERALPLUS-GPR25L25605F Datasheet
1Mb / 61P
   256M-bit [x 1/x 2/x 4] CMOS Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com