Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L1605DZUI-12G Datasheet(PDF) 7 Page - Macronix International

Part # MX25L1605DZUI-12G
Description  16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1605DZUI-12G Datasheet(HTML) 7 Page - Macronix International

Back Button MX25L1605DZUI-12G Datasheet HTML 3Page - Macronix International MX25L1605DZUI-12G Datasheet HTML 4Page - Macronix International MX25L1605DZUI-12G Datasheet HTML 5Page - Macronix International MX25L1605DZUI-12G Datasheet HTML 6Page - Macronix International MX25L1605DZUI-12G Datasheet HTML 7Page - Macronix International MX25L1605DZUI-12G Datasheet HTML 8Page - Macronix International MX25L1605DZUI-12G Datasheet HTML 9Page - Macronix International MX25L1605DZUI-12G Datasheet HTML 10Page - Macronix International MX25L1605DZUI-12G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
MX25L1605D
MX25L3205D
MX25L6405D
P/N: PM1290
REV. 1.4, OCT. 01, 2008
II. Additional 512-bit secured OTP for unique identifier: to provide 512-bit one-time program area for setting device
unique serial number - Which may be set by factory or system customer. Please refer to table 3. 512-bit secured OTP
definition.
- Security register bit 0 indicates whether the chip is locked by factory or not.
- To program the 512-bit secured OTP by entering 512-bit secured OTP mode (with ENSO command), and going through
normal program procedure, and then exiting 512-bit secured OTP mode by writing EXSO command.
- Customer may lock-down the customer lockable secured OTP by writing WRSCUR(write security register) command
to set customer lock-down bit1 as "1". Please refer to table of "security register definition" for security register bit
definition and table of "512-bit secured OTP definition" for address range definition.
- Note: Once lock-down whatever by factory or customer, it cannot be changed any more. While in 512-bit secured OTP
mode, array access is not allowed.
Table 3. 512-bit Secured OTP Definition
Table 2. Protected Area Sizes
Address range
Size
Standard
Customer Lock
Factory Lock
xxxx00~xxxx0F
128-bit
ESN (electrical serial number)
Determined by customer
xxxx10~xxxx3F
384-bit
N/A
BP3 BP2 BP1 BP0 16Mb
00
0
0
0(none)
00
0
1
1(1block, block 31th)
00
1
0
2(2blocks, block 30th-31th)
00
1
1
3(4blocks, block 28th-31th)
01
0
0
4(8blocks, block 24th-31th)
01
0
1
5(16blocks, block 16th-31th)
01
1
0
6(32blocks, all)
01
1
1
7(32blocks, all)
10
0
0
8(32blocks, all)
10
0
1
9(32blocks, all)
10
1
0
10(16blocks, block 0th-15th)
1
0
1
1
11(24blocks, block 0th-23th)
11
0
0
12(28blocks, block 0th-27th)
11
0
1
13(30blocks, block 0th-29th)
11
1
0
14(31blocks, block 0th-30th)
11
1
1
15(32blocks, all)
Status bit
Protect Level
32Mb
64Mb
0(none)
1(1block, block 63th)
2(2blocks, block 62th-63th)
3(4blocks, block 60th-63th)
4(8blocks, block 56th-63th)
5(16blocks, block 48th-63th)
6(32blocks, block 32th-63th)
7(64blocks, all)
8(64blocks, all)
9(32blocks, block 0th-31th)
10(48blocks, block 0th-47th)
11(56blocks, block 0th-55th)
12(60blocks, block 0th-59th)
13(62blocks, block 0th-61th)
14(63blocks, block 0th-62th)
15(64blocks, all)
0(none)
1(2blocks, block 126th-127th)
2(4blocks, block 124th-127th)
3(8blocks, block 120th-127th)
4(16blocks, block 112th-127th)
5(32blocks, block 96th-127th)
6(64blocks,block 64th-127th)
7(128blocks, all)
8(128blocks, all)
9(64blocks, block 0th-63th)
10(96blocks, block 0th-95th)
11(112blocks, block 0th-111th)
12(120blocks, block 0th-119th)
13(124blocks, block 0th-123th)
14(126blocks, block 0th-125th)
15(128blocks, all)


Similar Part No. - MX25L1605DZUI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1605 MCNIX-MX25L1605 Datasheet
754Kb / 45P
   Macronix NBitTM Memory Family
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
MX25L1605ZM MCNIX-MX25L1605ZM Datasheet
406Kb / 44P
   16M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L1605ZMC-20 MCNIX-MX25L1605ZMC-20 Datasheet
406Kb / 44P
   16M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L1605ZMC-20G MCNIX-MX25L1605ZMC-20G Datasheet
406Kb / 44P
   16M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L1605DZUI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1608E MCNIX-MX25L1608E Datasheet
598Kb / 46P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1606EZUI-12G MCNIX-MX25L1606EZUI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com