Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L3205AZMC-20G Datasheet(PDF) 8 Page - Macronix International

Part # MX25L3205AZMC-20G
Description  32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3205AZMC-20G Datasheet(HTML) 8 Page - Macronix International

Back Button MX25L3205AZMC-20G Datasheet HTML 4Page - Macronix International MX25L3205AZMC-20G Datasheet HTML 5Page - Macronix International MX25L3205AZMC-20G Datasheet HTML 6Page - Macronix International MX25L3205AZMC-20G Datasheet HTML 7Page - Macronix International MX25L3205AZMC-20G Datasheet HTML 8Page - Macronix International MX25L3205AZMC-20G Datasheet HTML 9Page - Macronix International MX25L3205AZMC-20G Datasheet HTML 10Page - Macronix International MX25L3205AZMC-20G Datasheet HTML 11Page - Macronix International MX25L3205AZMC-20G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
P/N: PM1243
REV. 1.2, NOV. 06, 2006
MX25L3205A
Sector
Address Range
63
3F0000h
3FFFFFh
62
3E0000h
3EFFFFh
61
3D0000h
3DFFFFh
60
3C0000h
3CFFFFh
59
3B0000h
3BFFFFh
58
3A0000h
3AFFFFh
57
390000h
39FFFFh
56
380000h
38FFFFh
55
370000h
37FFFFh
54
360000h
36FFFFh
53
350000h
35FFFFh
52
340000h
34FFFFh
51
330000h
33FFFFh
50
320000h
32FFFFh
49
310000h
31FFFFh
48
300000h
30FFFFh
47
2F0000h
2FFFFFh
46
2E0000h
2EFFFFh
45
2D0000h
2DFFFFh
44
2C0000h
2CFFFFh
43
2B0000h
2BFFFFh
42
2A0000h
2AFFFFh
41
290000h
29FFFFh
40
280000h
28FFFFh
39
270000h
27FFFFh
38
260000h
26FFFFh
37
250000h
25FFFFh
36
240000h
24FFFFh
35
230000h
23FFFFh
34
220000h
22FFFFh
33
210000h
21FFFFh
32
200000h
20FFFFh
Sector
Address Range
31
1F0000h
1FFFFFh
30
1E0000h
1EFFFFh
29
1D0000h
1DFFFFh
28
1C0000h
1CFFFFh
27
1B0000h
1BFFFFh
26
1A0000h
1AFFFFh
25
190000h
19FFFFh
24
180000h
18FFFFh
23
170000h
17FFFFh
22
160000h
16FFFFh
21
150000h
15FFFFh
20
140000h
14FFFFh
19
130000h
13FFFFh
18
120000h
12FFFFh
17
110000h
11FFFFh
16
100000h
10FFFFh
15
0F0000h
0FFFFFh
14
0E0000h
0EFFFFh
13
0D0000h
0DFFFFh
12
0C0000h
0CFFFFh
11
0B0000h
0BFFFFh
10
0A0000h
0AFFFFh
9
090000h
09FFFFh
8
080000h
08FFFFh
7
070000h
07FFFFh
6
060000h
06FFFFh
5
050000h
05FFFFh
4
040000h
04FFFFh
3
030000h
03FFFFh
2
020000h
02FFFFh
1
010000h
01FFFFh
0
000000h
00FFFFh
Table 3. Memory Organization


Similar Part No. - MX25L3205AZMC-20G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205D MCNIX-MX25L3205D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3205DM2I-12G MCNIX-MX25L3205DM2I-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3205DMI-12G MCNIX-MX25L3205DMI-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3205DPI-12G MCNIX-MX25L3205DPI-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L3205AZMC-20G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L1605ZM MCNIX-MX25L1605ZM Datasheet
406Kb / 44P
   16M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6405 MCNIX-MX25L6405 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3206E MCNIX-MX25L3206E Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3239E MCNIX-MX25L3239E Datasheet
1Mb / 92P
   32M-BIT [x 1 / x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com