Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2114B-XXX Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2114B-XXX
Description  NiCd or NiMH Gas Gauge Module with Charge-Control Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2114B-XXX Datasheet(HTML) 6 Page - Texas Instruments

  BQ2114B-XXX Datasheet HTML 1Page - Texas Instruments BQ2114B-XXX Datasheet HTML 2Page - Texas Instruments BQ2114B-XXX Datasheet HTML 3Page - Texas Instruments BQ2114B-XXX Datasheet HTML 4Page - Texas Instruments BQ2114B-XXX Datasheet HTML 5Page - Texas Instruments BQ2114B-XXX Datasheet HTML 6Page - Texas Instruments BQ2114B-XXX Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
bq2114
DC Voltage Thresholds (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VEDVF
Final empty warning
0.93
0.95
0.97
V
BAT+/NumCell1
VEDV1
First empty warning
1.03
1.05
1.07
V
BAT+/NumCell1
VMCV
Maximum single-cell voltage
2.20
2.25
2.30
V
BAT+/NumCell1
VSRO
Sense resistor range
-300
-
+2000
mV
VSR + VOS2
VSRQ
Valid charge
375
-
-
µVVSR +VOS 2, 3
VSRD
Valid discharge
-
-
-300
µVVSR +VOS 2, 3
Notes:
1.
At SB input of bq2014.
2.
At SR input of bq2014.
3.
Default value; value set in DMF register.
LED Option:
L = LEDs plus switch
Blank = No LEDs or switch
bq2114
B –
Package Option:
B = Board-level product
Device:
NiCd or NiMH Gas Gauge Module with Charge-Control Output
Customer Code:
Blank = Sample or Pre-production1
KT = Evaluation system
XXX = Customer-specific; assigned by Unitrode2
Ordering Information
Notes:
1.
Requires configuration sheet (see Table 1)
2.
Example production part number: bq2114LB-003
Change No.
Page No.
Description
1
2
Updated Table 1 to include 3.0A limit
1
5
Added 3.0A maximum continuous charge/discharge current specification
Note:
Change 1 = May 1999 B changes from Sept. 1996.
Data Sheet Revision History


Similar Part No. - BQ2114B-XXX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2110 TI-BQ2110 Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
BQ2110LB TI-BQ2110LB Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
BQ2110LB-KT TI-BQ2110LB-KT Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
BQ2110LB-XXX TI-BQ2110LB-XXX Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
BQ2110LBKT TI-BQ2110LBKT Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
More results

Similar Description - BQ2114B-XXX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2112 TI-BQ2112 Datasheet
749Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Slow-Charge Control
BQ2110 TI-BQ2110 Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
BQ2014H TI-BQ2014H Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014H TI1-BQ2014H_15 Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2014 TI1-BQ2014_15 Datasheet
1Mb / 27P
[Old version datasheet]   Gas Gauge IC with External Charge Control
BQ2014 TI-BQ2014 Datasheet
236Kb / 22P
[Old version datasheet]   Gas Gauge IC with External Charge Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com