Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25V4035 Datasheet(PDF) 5 Page - Macronix International

Part # MX25V4035
Description  4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25V4035 Datasheet(HTML) 5 Page - Macronix International

  MX25V4035 Datasheet HTML 1Page - Macronix International MX25V4035 Datasheet HTML 2Page - Macronix International MX25V4035 Datasheet HTML 3Page - Macronix International MX25V4035 Datasheet HTML 4Page - Macronix International MX25V4035 Datasheet HTML 5Page - Macronix International MX25V4035 Datasheet HTML 6Page - Macronix International MX25V4035 Datasheet HTML 7Page - Macronix International MX25V4035 Datasheet HTML 8Page - Macronix International MX25V4035 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5
MX25V4035
MX25V8035
P/N: PM1468
REV. 0.01, FEB. 13, 2009
ADVANCED INFORMATION
4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
8M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
FEATURES
GENERAL
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 4M: 4,194,304 x 1 bit structure or 2,097,152 x 2 bits (two I/O read mode) structure or 1,048,576 x 4 bits (four I/
O read mode) structure
8M: 8,388,608 x 1 bit structure or 4,194,304 x 2 bits (two I/O read mode) structure or 2,097,152 x 4 bits (four I/
O read mode) structure
• Equal Sectors with 4K byte each, or Equal Blocks with 32K byte each or Equal Blocks with 64K byte each
- Any Block can be erased individually
• Single Power Supply Operation
- 2.25 to 2.75 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V
PERFORMANCE
• High Performance
- Fast read
- 1 I/O: 66MHz with 8 dummy cycles (30pF+1TTL Load)
- 2 I/O: 50MHz with 4 dummy cycles (30pF+1TTL Load), equivalent to 100MHz
- 4 I/O: 50MHz with 6 dummy cycles (30pF+1TTL Load), equivalent to 200MHz
- Fast program time: 1.7ms(typ.) and 6ms(max.)/page (256-byte per page)
- Byte program time: 15us (typical)
- Continuously program mode (automatically increase address under word program mode)
- Fast erase time: 80ms (typ.)/sector (4K-byte per sector); 0.6s(typ.) /block (32K-byte per block); 1s(typ.) /block
(64K-byte per block); 7.5s(typ.) /chip for 4M; 13s(typ.) /chip for 8M
• Low Power Consumption
- Low active read current: 12mA(max.) at 66MHz, 6mA(max.) at 50MHz
- Low active erase/programming current: 15mA (typ.)
- Low standby current: 5uA (max.)
• Deep Power Down: 5uA(max.)
• Minimum 100,000 erase/program cycles
• 10 years data retention
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code
• Advanced Security Features
- Block lock protection
The BP0-BP3 status bit defines the size of the area to be software protection against program and erase instruc-
tions
- Additional 512-bit secured OTP for unique identifier
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected sector or block
- Automatically programs and verifies data at selected page by an internal algorithm that automatically times the
program pulse widths (Any page to be programed should have page in the erased state first)
• Status Register Feature
• Electronic Identification
- JEDEC 1-byte manufacturer ID and 2-byte device ID


Similar Part No. - MX25V4035

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25V4035MI15G MCNIX-MX25V4035MI15G Datasheet
2Mb / 55P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
MX25V4035ZNI15G MCNIX-MX25V4035ZNI15G Datasheet
2Mb / 55P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
More results

Similar Description - MX25V4035

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25V8035 MCNIX-MX25V8035_14 Datasheet
2Mb / 55P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
MX25V4006E MCNIX-MX25V4006E Datasheet
1Mb / 50P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L4006E MCNIX-MX25L4006E Datasheet
1Mb / 52P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25U4035 MCNIX-MX25U4035 Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25L4026E MCNIX-MX25L4026E Datasheet
636Kb / 48P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25U4035 MCNIX-MX25U4035_14 Datasheet
2Mb / 57P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25L4005A MCNIX-MX25L4005A Datasheet
1Mb / 44P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005 MCNIX-MX25L4005 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L12805F GENERALPLUS-GPR25L12805F Datasheet
3Mb / 58P
   128M-bit [x 1/x 2/x 4] CMOS Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com