Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29GA256 Datasheet(PDF) 11 Page - Macronix International

Part # MX29GA256
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GA256 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29GA256 Datasheet HTML 7Page - Macronix International MX29GA256 Datasheet HTML 8Page - Macronix International MX29GA256 Datasheet HTML 9Page - Macronix International MX29GA256 Datasheet HTML 10Page - Macronix International MX29GA256 Datasheet HTML 11Page - Macronix International MX29GA256 Datasheet HTML 12Page - Macronix International MX29GA256 Datasheet HTML 13Page - Macronix International MX29GA256 Datasheet HTML 14Page - Macronix International MX29GA256 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
11
P/N:PM1484
REV. 0.02, MAR. 06, 2009
MX29GA256/257E H/L
MX29GA128/129E H/L
Sector Size
Sector
Sector Address
A23-A16
(x16)
Address Range
Kbytes
Kwords
128
64
SA78
01001110
4E0000h-4EFFFFh
128
64
SA79
01001111
4F0000h-4FFFFFh
128
64
SA80
01010000
500000h-50FFFFh
128
64
SA81
01010001
510000h-51FFFFh
128
64
SA82
01010010
520000h-52FFFFh
128
64
SA83
01010011
530000h-53FFFFh
128
64
SA84
01010100
540000h-54FFFFh
128
64
SA85
01010101
550000h-55FFFFh
128
64
SA86
01010110
560000h-56FFFFh
128
64
SA87
01010111
570000h-57FFFFh
128
64
SA88
01011000
580000h-58FFFFh
128
64
SA89
01011001
590000h-59FFFFh
128
64
SA90
01011010
5A0000h-5AFFFFh
128
64
SA91
01011011
5B0000h-5BFFFFh
128
64
SA92
01011100
5C0000h-5CFFFFh
128
64
SA93
01011101
5D0000h-5DFFFFh
128
64
SA94
01011110
5E0000h-5EFFFFh
128
64
SA95
01011111
5F0000h-5FFFFFh
128
64
SA96
01100000
600000h-60FFFFh
128
64
SA97
01100001
610000h-61FFFFh
128
64
SA98
01100010
620000h-62FFFFh
128
64
SA99
01100011
630000h-63FFFFh
128
64
SA100
01100100
640000h-64FFFFh
128
64
SA101
01100101
650000h-65FFFFh
128
64
SA102
01100110
660000h-66FFFFh
128
64
SA103
01100111
670000h-67FFFFh
128
64
SA104
01101000
680000h-68FFFFh
128
64
SA105
01101001
690000h-69FFFFh
128
64
SA106
01101010
6A0000h-6AFFFFh
128
64
SA107
01101011
6B0000h-6BFFFFh
128
64
SA108
01101100
6C0000h-6CFFFFh
128
64
SA109
01101101
6D0000h-6DFFFFh
128
64
SA110
01101110
6E0000h-6EFFFFh
128
64
SA111
01101111
6F0000h-6FFFFFh
128
64
SA112
01110000
700000h-70FFFFh
128
64
SA113
01110001
710000h-71FFFFh
128
64
SA114
01110010
720000h-72FFFFh
128
64
SA115
01110011
730000h-73FFFFh
128
64
SA116
01110100
740000h-74FFFFh
128
64
SA117
01110101
750000h-75FFFFh


Similar Part No. - MX29GA256

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL033MBMC-10G MCNIX-MX29GL033MBMC-10G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-10R MCNIX-MX29GL033MBMC-10R Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70G MCNIX-MX29GL033MBMC-70G Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70G MCNIX-MX29GL033MBMC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL033MBMC-70G MCNIX-MX29GL033MBMC-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29GA256

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com