Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2058SNXXXX Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2058SNXXXX
Description  Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058SNXXXX Datasheet(HTML) 5 Page - Texas Instruments

  BQ2058SNXXXX Datasheet HTML 1Page - Texas Instruments BQ2058SNXXXX Datasheet HTML 2Page - Texas Instruments BQ2058SNXXXX Datasheet HTML 3Page - Texas Instruments BQ2058SNXXXX Datasheet HTML 4Page - Texas Instruments BQ2058SNXXXX Datasheet HTML 5Page - Texas Instruments BQ2058SNXXXX Datasheet HTML 6Page - Texas Instruments BQ2058SNXXXX Datasheet HTML 7Page - Texas Instruments BQ2058SNXXXX Datasheet HTML 8Page - Texas Instruments BQ2058SNXXXX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Low-Power Sleep Mode
The bq2058 enters the low-power sleep mode in two dif-
ferent ways:
1.
On initial power-up.
2.
After the detection of an undervoltage condi-
tion–VUV.
When the bq2058 enters the low-power sleep mode, DSG
is driven high and the device consumes 0.7
µA (typical).
The bq2058 only comes out of low-power sleep mode
when a valid charge-detect condition exists.
Charge Detect
The bq2058 continuously monitors for a charge-detect con-
dition. A valid charge-detect condition exists when either
of the conditions are true:
CSL < BAT4N - 70mV (VCD)
CSH > BAT1P + 70mV (VCD)
A valid charge-detect enables the DSG output, allowing
charging of the lithium ion cells. This is accomplished
by applying the charging supply to the pack.
Undervoltage
Undervoltage (or overdischarge) protection is asserted
when any cell voltage drops below the VUV threshold
and remains below the VUV threshold for a time
exceeding a user-configurable delay (tUVD).
The DSG
output
is driven high disabling the discharge of the
pack.
The bq2058 then enters the low-power sleep
mode.
Overvoltage
Overvoltage (or overcharge) protection is asserted when
any cell voltage exceeds the VOV threshold and remains
above the VOV threshold for a time exceeding a user-
configurable delay (tOVD). The CHG pin is driven high,
disabling charge into the battery pack. Charging is dis-
abled until a valid charge enable exists. See Charge En-
able section.
Important note: If any battery pin floats (BAT1P,
BAT1N4N), the bq2058 assumes an overvoltage has
occurred.
Because of different manufacturers specifications for
overvoltage thresholds, the bq2058 can be available with
different VOV options. Table 2 summarizes these differ-
ent voltage thresholds.
The overvoltage threshold limits are programmed
at Unitrode.
The bq2058 is the standard option
that is more readily available for sampling and
prototyping purposes.
Please contact Unitrode
for other voltage threshold and tolerance options.
Charge Enable
A valid charge enable indicates that an overvoltage
(overcharge) condition no longer exists and that the
pack is ready to accept further charge. Once overvoltage
protection is asserted, charging will not be enabled un-
til all cell voltages fall below VCE. The VCE threshold is
a function of VOV, and changes with different VOV lim-
its.
VCE = VOV - 150mV
Overcurrent
The bq2058 detects an overcurrent (or short circuit) con-
dition only in the discharge direction. Overcurrent pro-
tection is asserted when either of the conditions occurs
and remain for a time exceeding a user-configurable de-
lay (tOCD):
CSL > BAT4N + VOCL
CSH < BAT1P - VOCH
where:
VOCL = 160mV (low-side detect)
VOCH = 160mV (high-side detect)
When either of these conditions occurs, DSG is driven
high, disconnecting the load from the pack.
DSG re-
mains high until both of the voltage conditions are false,
indicating removal of the short-circuit condition.
The
user can facilitate clearing these conditions by inserting
the battery pack into a charger.
The low-side overcurrent sense can be disabled by con-
necting CSL to BAT4N. This ensures that CSL is never
greater than BAT4N. If low-side detection is disabled,
high-side detection must be used with CSH.
5
bq2058
Part No.
VOV Limit
bq2058
4.25V
bq2058C
4.325
bq2058D
4.30V
bq2058G*
4.375V
bq2058R
4.35V
bq2058W
3.4V
Table 2. Overvoltage Threshold Options


Similar Part No. - BQ2058SNXXXX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TR TI-BQ2058TR Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN TI-BQ2058TRSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN-C2 TI-BQ2058TRSN-C2 Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TSN TI-BQ2058TSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results

Similar Description - BQ2058SNXXXX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com