Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2158 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2158
Description  Three or Four Series Cell Li-Ion Pack Supervisor Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2158 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2158 Datasheet HTML 1Page - Texas Instruments BQ2158 Datasheet HTML 2Page - Texas Instruments BQ2158 Datasheet HTML 3Page - Texas Instruments BQ2158 Datasheet HTML 4Page - Texas Instruments BQ2158 Datasheet HTML 5Page - Texas Instruments BQ2158 Datasheet HTML 6Page - Texas Instruments BQ2158 Datasheet HTML 7Page - Texas Instruments BQ2158 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Operation
The bq2158 monitors each series element for under-
voltage, over-voltage, and over-current conditions. If a
cell falls below VUV for tUVD, the bq2158 enters into
sleep mode. The bq2158 wakes up and enables discharge
if a voltage, VCD higher than the battery voltage, is ap-
plied across POS and NEG. Charging is disabled if a cell
exceeds VOV for tOVD, and can resume when the cell falls
below the VCE threshold. The bq2158 turns the dis-
charge FET off if the steady state load current exceeds
IOC for tOCD and turns it back on if the load is removed.
3
FG2158cc.eps
B1P
NC
Load
or
Charger
Three-Cell Configuration
POS
NEG
B1N
B2N
B3N
B4N
B1P
Load
or
Charger
Four-Cell Configuration
POS
NEG
B1N
B2N
B3N
B4N
Note: B1P, B4N, POS, and NEG accomodate a #20 AWG stranded wire.
B1N, B2N, and B3N accomodate a #24 AWG stranded wire.
Figure 1. Module Connection Diagram
Number of Cells
On-board bq2058 Configuration
3 cells
BAT1N tied to BAT1P
NSEL = VSS
4 cells
NSEL = VCC
Table 2. Pin Connections
bq2158


Similar Part No. - BQ2158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TB- TI-BQ2158TB- Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TB-XXX TI-BQ2158TB-XXX Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2158TMODULE TI-BQ2158TMODULE Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
More results

Similar Description - BQ2158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2168 TI-BQ2168 Datasheet
847Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2167 TI-BQ2167 Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
logo
Silan Microelectronics ...
SA45141 SILAN-SA45141 Datasheet
502Kb / 9P
   THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
List of Unclassifed Man...
BK-18650-PC6 ETC2-BK-18650-PC6 Datasheet
105Kb / 1P
   THREE 18650 LI-ION CELL HOLDER
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com